Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3238EIPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3238EIPWR
Description  LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3238EIPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX3238EIPWR Datasheet HTML 2Page - Texas Instruments MAX3238EIPWR Datasheet HTML 3Page - Texas Instruments MAX3238EIPWR Datasheet HTML 4Page - Texas Instruments MAX3238EIPWR Datasheet HTML 5Page - Texas Instruments MAX3238EIPWR Datasheet HTML 6Page - Texas Instruments MAX3238EIPWR Datasheet HTML 7Page - Texas Instruments MAX3238EIPWR Datasheet HTML 8Page - Texas Instruments MAX3238EIPWR Datasheet HTML 9Page - Texas Instruments MAX3238EIPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
DRIVER SECTION
Switching Characteristics
(1)
ESD Protection
MAX3238E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS710A – FEBRUARY 2006 – REVISED APRIL 2006
xxx
Electrical Characteristics(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN TYP(2) MAX
UNIT
VOH
High-level output voltage
All DOUT at RL = 3 kΩ to GND
5
5.4
V
VOL
Low-level output voltage
All DOUT at RL = 3 kΩ to GND
–5
–5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI at GND
±0.01
±1
µA
VCC = 3.6 V,
VO = 0 V
±35
±60
IOS
Short-circuit output current(3)
mA
VCC = 5.5 V,
VO = 0 V
±40 ±100
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
10M
VO = ±12 V,
VCC = 3 V to 3.6 V
±25
IOZ
Output leakage current
FORCEOFF = GND
µA
VO = ±10 V,
VCC = 4.5 V to 5.5 V
±25
(1)
Testing supply conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.15 V; C1–C4 = 0.22 µF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 µF
and C2–C4 = 0.33
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2) MAX
UNIT
CL = 1000 pF,
RL = 3 kΩ,
Maximum data rate
250
400
kbit/s
One DOUT switching,
See Figure 1
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ,
tsk(p)
Pulse skew(3)
100
ns
See Figure 2
CL = 150 pF to 1000 pF
6
30
Slew rate, transition region
VCC = 3.3 V,
SR(tr)
V/
µs
(see Figure 1)
RL = 3 kΩ to 7 kΩ
CL = 150 pF to 2500 pF
4
30
(1)
Testing supply conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.15 V; C1–C4 = 0.22 µF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 µF
and C2–C4 = 0.33
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
PARAMETER
TEST CONDITIONS
TYP
UNIT
HBM
±15
DOUT
IEC 61000-4-2, Air-Gap Discharge
±15
kV
IEC 61000-4-2, Contact Discharge
±8
6
Submit Documentation Feedback


Similar Part No. - MAX3238EIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238EIPWR TI-MAX3238EIPWR Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238EIPWRG4 TI-MAX3238EIPWRG4 Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - MAX3238EIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3243-EP TI1-MAX3243-EP_16 Datasheet
793Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com