Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX232ECDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232ECDR
Description  Dual RS-232 Driver and Receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232ECDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX232ECDR Datasheet HTML 2Page - Texas Instruments MAX232ECDR Datasheet HTML 3Page - Texas Instruments MAX232ECDR Datasheet HTML 4Page - Texas Instruments MAX232ECDR Datasheet HTML 5Page - Texas Instruments MAX232ECDR Datasheet HTML 6Page - Texas Instruments MAX232ECDR Datasheet HTML 7Page - Texas Instruments MAX232ECDR Datasheet HTML 8Page - Texas Instruments MAX232ECDR Datasheet HTML 9Page - Texas Instruments MAX232ECDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ROUT Current (mA)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
D003
Time (us)
0
5
10
15
20
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
D004
DIN
DOUT
ROUT
DOUT Load Resistance (k:)
1
2
3
4
5
6
7
8
9
10
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
D001
VOH
VOL
ROUT Current (mA)
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
D002
6
MAX232E
SLLS723C – APRIL 2006 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: MAX232E
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V.
6.9 Switching Characteristics: Receiver
VCC = 5 V, TA = 25°C (see Figure 5)
PARAMETER
TEST CONDITIONS(1)
TYP
UNIT
tPLH(R)
Receiver propagation delay time, low- to high-level output
CL = 50 pF
500
ns
tPHL(R)
Receiver propagation delay time, high- to low-level output
CL = 5 0pF
500
ns
6.10 Typical Characteristics
TA = 25 °C
Figure 1. Driver Output Voltage vs Load Resistance
Figure 2. Receiver Low Output Voltage vs Load Current
Figure 3. Receiver High Output Voltage vs Load Current
Figure 4. Loopback Waveforms
Data Rate 120 kbit/s


Similar Part No. - MAX232ECDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232ECDR TI-MAX232ECDR Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232ECDR TI-MAX232ECDR Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDR TI-MAX232ECDR Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDR TI-MAX232ECDR Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDRG4 TI-MAX232ECDRG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
More results

Similar Description - MAX232ECDR

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com