Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX232ECPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232ECPW
Description  Dual RS-232 Driver and Receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232ECPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button MAX232ECPW Datasheet HTML 7Page - Texas Instruments MAX232ECPW Datasheet HTML 8Page - Texas Instruments MAX232ECPW Datasheet HTML 9Page - Texas Instruments MAX232ECPW Datasheet HTML 10Page - Texas Instruments MAX232ECPW Datasheet HTML 11Page - Texas Instruments MAX232ECPW Datasheet HTML 12Page - Texas Instruments MAX232ECPW Datasheet HTML 13Page - Texas Instruments MAX232ECPW Datasheet HTML 14Page - Texas Instruments MAX232ECPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
1 mF
1 mF
VS+
VS−
2
6
14
7
13
8
C1+
C1−
C2+
C2−
1
3
4
5
11
10
12
9
GND
15
0 V
VCC
16
5 V
RS-232 Output
RS-232 Output
RS-232 Input
RS-232 Input
1 mF
8.5 V
−8.5 V
1 mF
From CMOS or TTL
To CMOS or TTL
CBYPASS = 1 mF
C1
C2
C3
C4
C3 can be connected to VCC or GND.
+
+
Copyright © 2016, Texas Instruments Incorporated
11
MAX232E
www.ti.com
SLLS723C – APRIL 2006 – REVISED AUGUST 2016
Product Folder Links: MAX232E
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
For proper operation add capacitors as shown in Figure 10. Pins 9 through 12 connect to UART or general
purpose logic lines. RS-232 lines on pins 7, 8, 13, and 14 connect to a connector or cable.
9.2 Typical Application
Resistor values shown are nominal.
Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should
be connected as shown.
Figure 10. Typical Operating Circuit
9.2.1 Design Requirements
VCC minimum is 4.5 V and maximum is 5.5 V.
Maximum recommended bit rate is 250 kbit/s.
9.2.2 Detailed Design Procedure
The capacitor type used for C1–C4 is not critical for proper operation. The MAX232E requires 1-µF capacitors,
although capacitors up to 10 µF can be used without harm. Ceramic dielectrics are suggested for capacitors.
When using the minimum recommended capacitor values, make sure the capacitance value does not degrade
excessively as the operating temperature varies. If in doubt, use capacitors with a larger (for example, 2×)
nominal value. The capacitors' effective series resistance (ESR), which usually rises at low temperatures,
influences the amount of ripple on V+ and V–.


Similar Part No. - MAX232ECPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232ECPW TI-MAX232ECPW Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232ECPW TI-MAX232ECPW Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPW TI-MAX232ECPW Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPW TI-MAX232ECPW Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPWG4 TI-MAX232ECPWG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
More results

Similar Description - MAX232ECPW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com