Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8929 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA8929
Description  Controller class-D audio amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8929 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA8929 Datasheet HTML 23Page - NXP Semiconductors TDA8929 Datasheet HTML 24Page - NXP Semiconductors TDA8929 Datasheet HTML 25Page - NXP Semiconductors TDA8929 Datasheet HTML 26Page - NXP Semiconductors TDA8929 Datasheet HTML 27Page - NXP Semiconductors TDA8929 Datasheet HTML 28Page - NXP Semiconductors TDA8929 Datasheet HTML 29Page - NXP Semiconductors TDA8929 Datasheet HTML 30Page - NXP Semiconductors TDA8929 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
2001 Dec 11
27
Philips Semiconductors
Preliminary specification
Controller class-D audio amplifier
TDA8929T
handbook, halfpage
0
25
5
10
15
20
MLD609
10−2
10−1
1
(2)
Po (W)
P
(W)
10
102
103
(1)
(3)
Fig.22 Power dissipation as a function of output
power.
VP = ±25 V; fi = 1 kHz:
(1) 2
× 4 Ω SE.
(2) 1
× 8 Ω BTL.
(3) 2
× 8 Ω SE.
handbook, halfpage
0
(3)
(1)
(2)
150
100
0
20
40
60
80
30
η
(%)
Po (W)
60
90
120
MLD610
Fig.23 Efficiency as a function of output power.
VP = ±25 V; fi = 1 kHz:
(1) 2
× 4 Ω SE.
(2) 1
× 8 Ω BTL.
(3) 2
× 8 Ω SE.
handbook, halfpage
10
(3)
(4)
(1)
(2)
35
200
0
40
80
120
160
15
Po
(W)
VP (V)
20
25
30
MLD611
Fig.24 Output power as a function of supply
voltage.
THD+N= 0.5%; fi = 1 kHz:
(1) 1
× 4 Ω BTL.
(2) 1
× 8 Ω BTL.
(3) 2
× 4 Ω SE.
(4) 2
× 8 Ω SE.
handbook, halfpage
10
(3)
(4)
(1)
(2)
35
200
0
40
80
120
160
15
Po
(W)
VP (V)
20
25
30
MLD612
Fig.25 Output power as a function of supply
voltage.
THD + N = 10%; fi = 1 kHz:
(1) 1
× 4 Ω BTL.
(2) 1
× 8 Ω BTL.
(3) 2
× 4 Ω SE.
(4) 2
× 8 Ω SE.


Similar Part No. - TDA8929

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Similar Description - TDA8929

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com