Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26LS31MFK Datasheet(PDF) 6 Page - Texas Instruments

Part # AM26LS31MFK
Description  Quadruple Differential Line Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31MFK Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM26LS31MFK Datasheet HTML 2Page - Texas Instruments AM26LS31MFK Datasheet HTML 3Page - Texas Instruments AM26LS31MFK Datasheet HTML 4Page - Texas Instruments AM26LS31MFK Datasheet HTML 5Page - Texas Instruments AM26LS31MFK Datasheet HTML 6Page - Texas Instruments AM26LS31MFK Datasheet HTML 7Page - Texas Instruments AM26LS31MFK Datasheet HTML 8Page - Texas Instruments AM26LS31MFK Datasheet HTML 9Page - Texas Instruments AM26LS31MFK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IOH − High-Level Output Current − mA
VCC = 5.25 V
VCC = 4.75 V
VCC = 5 V
TA = 25 C
°
See Note A
4
3
2
1
0
0
−20
−40
−60
−80
−100
TA − Free-Air Temperature − °C
IOH = −20 mA
IOH = −40 mA
VCC = 5 V
See Note A
4
3
2
1
0
0
25
50
75
5
VI − Enable G Input Voltage − V
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
4
3
2
1
0
0
1
2
3
5
6
Load = 470
to VCC
TA = 25 C
°
See Note B
VI − Enable G Input Voltage − V
TA = 25 C
°
TA = 0 C
°
TA = 70 C
°
4
3
2
1
0
0
1
2
3
5
6
VCC = 5 V
Load = 470
to VCC
See Note B
VI − Enable G Input Voltage − V
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
Load = 470
to GND
TA = 25 C
°
See Note A
4
3
2
1
0
0
1
2
3
VI − Enable G Input Voltage − V
VCC = 5 V
Load = 470
to GND
See Note A
TA = 70 C
°
TA = 0 C
°
TA = 25 C
°
4
3
2
1
0
0
1
2
3
6
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
SLLS114K – JANUARY 1979 – REVISED JULY 2016
www.ti.com
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 1. Output Voltage vs Enable G Input Voltage
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 2. Output Voltage vs Enable G Input Voltage
B. The A input is connected to ground during testing of the Y
outputs and to VCC during testing of the Z outputs.
Figure 3. Output Voltage vs Enable G Input Voltage
B. The A input is connected to ground during testing of the Y
outputs and to VCC during testing of the Z outputs.
Figure 4. Output Voltage vs Enable G Input Voltage
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 5. High-Level Output Voltage vs Free-Air
Temperature
A. The A input is connected to VCC during testing of the Y outputs
and to ground during testing of the Z outputs.
Figure 6. High-Level Output Voltage vs High-Level Output
Current


Similar Part No. - AM26LS31MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS31MFK TI-AM26LS31MFK Datasheet
1Mb / 34P
[Old version datasheet]   AM26LS31x Quadruple Differential Line Driver
REVISED OCTOBER 2018
AM26LS31MFKB TI-AM26LS31MFKB Datasheet
559Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31MFKB TI-AM26LS31MFKB Datasheet
849Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31MFKB TI-AM26LS31MFKB Datasheet
813Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
AM26LS31MFKB TI-AM26LS31MFKB Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - AM26LS31MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com