Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLC9551SEPM Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLC9551SEPM
Description  100m Multirate Parallel MMF 100/128G QSFP28 Optical Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC9551SEPM Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLC9551SEPM Datasheet HTML 1Page - Finisar Corporation. FTLC9551SEPM Datasheet HTML 2Page - Finisar Corporation. FTLC9551SEPM Datasheet HTML 3Page - Finisar Corporation. FTLC9551SEPM Datasheet HTML 4Page - Finisar Corporation. FTLC9551SEPM Datasheet HTML 5Page - Finisar Corporation. FTLC9551SEPM Datasheet HTML 6Page - Finisar Corporation. FTLC9551SEPM Datasheet HTML 7Page - Finisar Corporation. FTLC9551SEPM Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 Finisar Corporation – 7-May-16 Rev. B2
Page 1
Product Specification
100m Multirate Parallel MMF 100/128G QSFP28 Optical
Transceiver
FTLC9551SEPM
PRODUCT FEATURES
 Hot-pluggable QSFP28 form factor
 Supports 103.1Gb/s to 112.2Gb/s
aggregate bit rates
 Power dissipation < 3.5W
 RoHS-6 compliant
 Commercial case temperature range
of 0°C to 70°C
 Single 3.3V power supply
 Maximum link length of 100m on
OM4 Multimode Fiber (MMF)
 4x25Gb/s 850mm VCSEL-based
transmitter
 4x25G electrical interface
 Single MPO12 receptacle
 I2C management interface
APPLICATIONS
 100GBASE-SR4 100G Ethernet
 128G Fibre Channel
 4x28Gb/s Multimode OTN
Finisar’s FTLC9551SEPM 100G QSFP28 transceiver modules are designed for use in
100 Gigabit Ethernet, 128GFC and 4x28G OTN client links over multimode fiber. They
are compliant with the QSFP28 MSA
1
, 128GFC
2 and IEEE 802.3bm 100GBASE-SR4 3
and CAUI-4
3
. Digital diagnostics functions are available via the I2C interface, as
specified by the QSFP28 MSA
1
and Finisar Application Note AN-2142
4. The transceiver
is RoHS-6 compliant per Directive 2011/65/EU
5 and Finisar Application Note AN-20386.
PRODUCT SELECTION
FTLC9551SEPM
S:
128GFC maximum bit rate (112.2 Gb/s)
E:
4x25G parallel optics
P:
Pull tab release
M:
MPO receptacle


Similar Part No. - FTLC9551SEPM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLC9551REPM FINISAR-FTLC9551REPM Datasheet
483Kb / 7P
   100m Parallel MMF 100G QSFP28 Optical Transceiver
More results

Similar Description - FTLC9551SEPM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLC9551REPM FINISAR-FTLC9551REPM Datasheet
483Kb / 7P
   100m Parallel MMF 100G QSFP28 Optical Transceiver
FTLC9558REPM FINISAR-FTLC9558REPM Datasheet
344Kb / 7P
   100m Parallel MMF 100G QSFP28 Optical Transceiver
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28 Datasheet
746Kb / 5P
   100m Parallel MMF 100G SR4 QSFP28 Optical Transceiver
logo
Finisar Corporation.
FTLC9152RGPL FINISAR-FTLC9152RGPL Datasheet
347Kb / 7P
   100m 100G QSFP28 SWDM4 Optical Transceiver
FTLC1152RGPL FINISAR-FTLC1152RGPL Datasheet
546Kb / 7P
   100G CWDM4 QSFP28 Optical Transceiver Module
FTL4C1QM1C FINISAR-FTL4C1QM1C Datasheet
428Kb / 8P
   10km Multirate QSFP Optical Transceiver Module
FTL4E1QM1C FINISAR-FTL4E1QM1C Datasheet
512Kb / 8P
   40km Multirate QSFP Optical Transceiver Module
FTL4E1QE1C FINISAR-FTL4E1QE1C Datasheet
505Kb / 8P
   40km Multirate QSFP Optical Transceiver Module
FTLC1154RDPL FINISAR-FTLC1154RDPL Datasheet
702Kb / 7P
   10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
13-July-2018 Rev. B2
FTLD10CE3C FINISAR-FTLD10CE3C Datasheet
686Kb / 12P
   100GBASE-SR10 100m CXP Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com