Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8929T Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8929T
Description  Controller class-D audio amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8929T Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8929T Datasheet HTML 18Page - NXP Semiconductors TDA8929T Datasheet HTML 19Page - NXP Semiconductors TDA8929T Datasheet HTML 20Page - NXP Semiconductors TDA8929T Datasheet HTML 21Page - NXP Semiconductors TDA8929T Datasheet HTML 22Page - NXP Semiconductors TDA8929T Datasheet HTML 23Page - NXP Semiconductors TDA8929T Datasheet HTML 24Page - NXP Semiconductors TDA8929T Datasheet HTML 25Page - NXP Semiconductors TDA8929T Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGW232
39 k
R1
30 k
R7
10 k
100 nF
C12
R2
1 k
R8
5.6
R11
Sumida 33
µH
CDRH127-330
L4
Sumida 33
µH
CDRH127-330
L2
L1
bead
L3
bead
GND
100 nF
C1
220 nF
C11
3
6
17
PWM2
5
4
8
9
10
12
15
n.c.
1
1 nF
C10
input 2
input 1
J5
J6
D1
(5.6 V)
IN1
+
IN1
GND
2
11
SGND1
SGND2
S1
VSSA
VSSD
VSS1
VSS2
VDDA
VDD2
VDD1
GND
1
2
1
2
1
2
QGND
QGND
QGND
QGND
OUT1
OUT1
+
OUT1
+
OUT2
OUT2
OUT2
+
BOOT2
BOOT1
OUT1
OUT2
VDDD
VDD1
VDD2
VSS2
VSS1
VDDD
VSSD
VSSA
VSSD
27 k
R3
7
220 nF
C2
OSC
POWERUP
VSSA
100 nF
C14
MODE
VDDA
R18
200 k
D2
(7.5 V)
VDDD
on
mute
off
U2
TDA8929T
CONTROLLER
C3
330 pF
C8
1
µF
C13
100 nF
C27
100 nF
C36
470 nF
C40
1 nF
C41
1 nF
C42
1 nF
C43
1 nF
C37
470 nF
C28
100
nF
C33
15 nF
C26
15 nF
C15
180 pF
IN2
+
IN2
R6
10 k
C7
1
µF
R5
10 k
1 nF
C9
C6
1
µF
R4
10 k
J3
J1
QGND
QGND
inputs
outputs
power supply
mode select
J4
J2
VSS
C5
1
µF
C4
330 pF
R12
5.6
C24
560 pF
VSSD
VDDD VSSD
R13
5.6
R14
5.6
R15
5.6
C25
560 pF
C34
560 pF
C35
560 pF
R10
9.1 k
VSSD
VSSA
VDDA
VDDD
C17
1 nF
C16
1 nF
R9
10 k
C20
100 nF
C21
100 nF
C23
47
µF
(35 V)
C18
100 nF
C19
100 nF
C22
47
µF
(35 V)
GND
QGND
QGND
QGND
bead
L6
L5
bead
L7
bead
GND
C30
100 nF
C32
1500
µF
(35 V)
C29
100 nF
C31
1500
µF
(35 V)
VDD
VSS
+25 V
−25 V
1
2
3
13
SW2
14
REL2
16
EN2
SW2
REL2
EN2
21
PWM1
23
SW1
24
14
6
23
U1
TDA8926TH
or
TDA8927TH
POWER STAGE
16
15
13
24
22
21
5
8
11
2
3
4
9
10
REL1
20
EN1
SW1
REL1
EN1
19
STAB
STAB
19
VSS(sub)
VSSD
17
LIM
VSSD
7
STAB
18
22
DIAGCUR
DIAG
R17
5.6
R16
5.6
4 or 8
SE
4 or 8
SE
8
BTL
C39
220 nF
C38
220 nF
1, 12, 18, 20
n.c.
Fig.14 Two-chip class-D audio amplifier application diagram for TDA8926TH or TDA8927TH and TDA8929T.
R9 and R10 are only necessary in BTL applications with asymmetrical supply.
BTL: remove R6, R7, C4, C7 and C8 and close J5 and J6.
Demodulation coils L2 and L4 should be matched in BTL.
Inputs floating or inputs referenced to QGND (close J1 and J4) or referenced to VSS (close J2 and J3).


Similar Part No. - TDA8929T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Similar Description - TDA8929T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com