Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL410QE3C Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FTL410QE3C
Description  40BASE-SR4 QSFP Gen3 Optical Transceiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL410QE3C Datasheet(HTML) 8 Page - Finisar Corporation.

  FTL410QE3C Datasheet HTML 1Page - Finisar Corporation. FTL410QE3C Datasheet HTML 2Page - Finisar Corporation. FTL410QE3C Datasheet HTML 3Page - Finisar Corporation. FTL410QE3C Datasheet HTML 4Page - Finisar Corporation. FTL410QE3C Datasheet HTML 5Page - Finisar Corporation. FTL410QE3C Datasheet HTML 6Page - Finisar Corporation. FTL410QE3C Datasheet HTML 7Page - Finisar Corporation. FTL410QE3C Datasheet HTML 8Page - Finisar Corporation. FTL410QE3C Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FTL410QE3C Product Specification
 Finisar Corporation October 2015
Rev. D1
Page 8
Figure 3 – FTL410QE3C product label
The optical port is a male MPO connector receptacle, with fiber lane assignments as shown
in Figure 4.
Figure 4 – FTL410QE3C optical lane assignment
(front view of MPO receptacle)
Ch 0
Ch 1
Ch 2
Ch 3
Ch 3
Ch 2
Ch 1
Ch 0


Similar Part No. - FTL410QE3C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL410QE2C FINISAR-FTL410QE2C Datasheet
560Kb / 9P
   40BASE-SR4 100m QSFP Gen2 Optical Transceiver Module
logo
ATGBICS by Approved Tec...
FTL410QE2C-C ATGBICS-FTL410QE2C-C Datasheet
540Kb / 15P
   FTL410QE2C Finisar Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Finisar Corporation.
FTL410QE2N FINISAR-FTL410QE2N Datasheet
561Kb / 9P
   40BASE-SR4 QSFP Gen2 E-Temp Optical Transceiver Module
FTL410QE4C FINISAR-FTL410QE4C Datasheet
693Kb / 9P
   40BASE-SR4 QSFP Gen4 Optical Transceiver Module
logo
ATGBICS by Approved Tec...
FTL410QE4C-C ATGBICS-FTL410QE4C-C Datasheet
540Kb / 15P
   FTL410QE4C Finisar Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
More results

Similar Description - FTL410QE3C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL410QD3C FINISAR-FTL410QD3C Datasheet
674Kb / 10P
   40BASE-SR4/10GBASE-SR 300m QSFP Gen3 Optical Transceiver Module
FTL410QE4C FINISAR-FTL410QE4C Datasheet
693Kb / 9P
   40BASE-SR4 QSFP Gen4 Optical Transceiver Module
FTL410QE2C FINISAR-FTL410QE2C Datasheet
560Kb / 9P
   40BASE-SR4 100m QSFP Gen2 Optical Transceiver Module
FTL410QE2N FINISAR-FTL410QE2N Datasheet
561Kb / 9P
   40BASE-SR4 QSFP Gen2 E-Temp Optical Transceiver Module
FTL410QD2C FINISAR-FTL410QD2C Datasheet
492Kb / 9P
   40BASE-SR4/10GBASE-SR 300m QSFP Gen2 Optical Transceiver Module
FTL410QD4C FINISAR-FTL410QD4C Datasheet
533Kb / 9P
   40BASE-SR4/10GBASE-SR 300m QSFP Gen4 Optical Transceiver Module
FTL4C2QE1C FINISAR-FTL4C2QE1C Datasheet
555Kb / 8P
   40GE LM4 QSFP Optical Transceiver Module
FTL4P1QE1C FINISAR-FTL4P1QE1C Datasheet
575Kb / 9P
   4x10GBASE-LR QSFP Optical Transceiver Module
FTL4C1QM1C FINISAR-FTL4C1QM1C Datasheet
428Kb / 8P
   10km Multirate QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com