Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS29F040-12C5DDE Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS29F040-12C5DDE
Description  Erase-Suspend/Erase-Resume Operation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS29F040-12C5DDE Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS29F040-12C5DDE Datasheet HTML 2Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 3Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 4Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 5Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 6Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 7Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 8Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 9Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TMS29F040
524288 BY 8BIT
FLASH MEMORY
SMJS820C − APRIL 1996 − REVISED JUNE 1998
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
algorithm selection mode
The algorithm-selection mode provides access to a binary code that matches the device with its proper
programming- and erase-command operations. This mode is activated when VID (10.5 V to 12.5 V) is placed
on address pin A9. Address pins A1 and A6 must be logic-low. Two bytes of code are accessed by toggling
address pin A0 from VIL to VIH. All other address pins can be logic-low or logic-high.
The algorithm-selection code also can be read by using the command register. This is useful when VID is not
available to be placed on address pin A9. Table 2 shows the binary algorithm-selection codes for the
TMS29F040.
Table 2. Algorithm-Selection Codes
ALGORITHM SELECTION
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
Byte 0
0
0
0
0
0
0
0
0
1
01h
Byte 1
1
1
0
1
0
0
1
0
0
A4h
† A1 = VIL, A6 = VIL, E = G = VIL
erasure and programming
Erasure and programming of the TMS29F040 are accomplished by writing a sequence of commands using
standard microprocessor-write timings. The commands are written to a command register and input to the
command-state machine (CSM). The CSM interprets the command entered and initiates program, erase,
suspend, and resume operations as instructed. The CSM acts as the interface between the write-state machine
(WSM) and the external chip operations. The WSM controls all voltage generation, pulse generation,
preconditioning, and verification of the memory contents. Program and sector/chip-erase functions are fully
automatic. Once the end of a program or erase operation is reached, the device internally resets to the read
mode. If VCC drops below the low-voltage-detect level (VLKO), any operation in progress is aborted and the
device resets to the read mode. If a byte-program or chip-erase operation is in progress, additional
program / erase commands are ignored until the operation in progress completes.
command definitions
Device operating modes are selected by writing specific address and data sequences into the command
register. Table 3 defines the valid command sequences. Writing incorrect address and data values or writing
them in the incorrect sequence causes the device to reset to the read mode. The command register does not
occupy an addressable memory location. The register stores the command sequence along with the address
and data needed by the memory array. Commands are written by setting E = VIL and G = VIH and bringing W
from VIH to VIL. Addresses are latched on the falling edge of W and data is latched on the rising edge of W.
Holding W = VIL and toggling E is an alternative method. See the byte-program and chip/sector-erase sections
for a more complete description.


Similar Part No. - TMS29F040-12C5DDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS29F040-12C5DDE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
   Flying-Erase IC
logo
ATMEL Corporation
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
   Sector Erase Architecture
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
   Automated Erase Operations
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Megawin Technology Co.,...
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
ATMEL Corporation
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
   Optional Page and Block Erase Operations
logo
Winbond
W19B160BTT7H WINBOND-W19B160BTT7H Datasheet
542Kb / 47P
   2.7~3.6-volt write (program and erase) operations, Fast write operation
logo
ATMEL Corporation
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
   Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
   Optional Page and Block Erase Operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com