Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C30 Datasheet(PDF) 1 Page - Texas Instruments

Part # SM320C30
Description  DIGITAL SIGNAL PROCESSOR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C30 Datasheet(HTML) 1 Page - Texas Instruments

  SM320C30 Datasheet HTML 1Page - Texas Instruments SM320C30 Datasheet HTML 2Page - Texas Instruments SM320C30 Datasheet HTML 3Page - Texas Instruments SM320C30 Datasheet HTML 4Page - Texas Instruments SM320C30 Datasheet HTML 5Page - Texas Instruments SM320C30 Datasheet HTML 6Page - Texas Instruments SM320C30 Datasheet HTML 7Page - Texas Instruments SM320C30 Datasheet HTML 8Page - Texas Instruments SM320C30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
TMS320C30
DIGITAL SIGNAL PROCESSOR
SPRS032A – APRIL 1996 – REVISED JUNE 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D High-Performance Floating-Point Digital
Signal Processor (DSP)
– TMS320C30-50 (5 V)
40-ns Instruction Cycle Time
275 MOPS, 50 MFLOPS, 25 MIPS
– TMS320C30-40 (5 V)
50-ns Instruction Cycle Time
220 MOPS, 40 MFLOPS, 20 MIPS
– TMS320C30-33 (5 V)
60-ns Instruction Cycle Time
183.3 MOPS, 33.3 MFLOPS, 16.7 MIPS
– TMS320C30-27 (5 V)
74-ns Instruction Cycle Time
148.5 MOPS, 27 MFLOPS, 13.5 MIPS
D 32-Bit High-Performance CPU
D 16-/32-Bit Integer and 32-/40-Bit
Floating-Point Operations
D 32-Bit Instruction Word, 24-Bit Addresses
D Two 1K × 32-Bit Single-Cycle Dual-Access
On-Chip RAM Blocks
D One 4K × 32-Bit Single-Cycle Dual-Access
On-Chip ROM Block
D On-Chip Memory-Mapped Peripherals:
– Two Serial Ports
– Two 32-Bit Timers
– One-Channel Direct Memory Access
(DMA) Coprocessor for Concurrent I/O
and CPU Operation
D Two 32-Bit External Ports
D 24- and 13-Bit Addresses
D 0.7-µm Enhanced Performance Implanted
CMOS (EPIC
™) Technology
D 208-Pin Plastic Quad Flat Package
( PPM Suffix )
D 181-Pin Grid Array Ceramic Package
(GEL Suffix)
D Eight Extended-Precision Registers
D Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D Two- and Three-Operand Instructions
D Parallel Arithmetic and Logic Unit (ALU)
and Multiplier Execution in a Single Cycle
D Block-Repeat Capability
D Zero-Overhead Loops With Single-Cycle
Branches
D Conditional Calls and Returns
D Interlocked Instructions for
Multiprocessing Support
D Two Sets of Memory Strobes (STRB and
MSTRB) and One I / O Strobe (IOSTRB )
D Separate Bus-Control Registers for Each
Strobe-Control Wait-State Generation
description
The TMS320C30 is the newest member of the TMS320C3x generation of DSPs from Texas Instruments (TI
™).
The TMS320C30 is a 32-bit floating-point processor manufactured in 0.7-
µm triple-level-metal CMOS
technology.
The TMS320C30’s internal busing and special DSP instruction set have the speed and flexibility to execute up
to 50 MFLOPS (million floating-point operations per second). The TMS320C30 optimizes speed by
implementing functions in hardware that other processors implement through software or microcode. This
hardware-intensive approach provides performance previously unavailable on a single chip.
The TMS320C30 can perform parallel multiply and ALU operations on integer or floating-point data in a single
cycle. Each processor also possesses a general-purpose register file, a program cache, dedicated ARAUs,
internal dual-access memories, one DMA channel supporting concurrent I / O, and a short machine-cycle time.
High performance and ease of use are results of these features.
General-purpose applications are enhanced greatly by the large address space, multiprocessor interface,
internally and externally generated wait states, two external interface ports, two timers, serial ports, and multiple
interrupt structure. The TMS320C30 supports a wide variety of system applications from host processor to
dedicated coprocessor.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC and TI are trademarks of Texas Instruments Incorporated.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - SM320C30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C30 TI1-SM320C30 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI-SM320C30GBM40 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
816Kb / 49P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM50 TI-SM320C30GBM50 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com