Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS29F010-12C5FME Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS29F010-12C5FME
Description  Compatible With JEDEC Byte-Wide Pinouts
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS29F010-12C5FME Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS29F010-12C5FME Datasheet HTML 7Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 8Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 9Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 10Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 11Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 12Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 13Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 14Page - Texas Instruments TMS29F010-12C5FME Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TMS29F010
131072 BY 8BIT
FLASH MEMORY
SMJS840A − NOVEMBER 1997 − REVISED JUNE 1998
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
sector unprotect operation
Prior to the sector-unprotect operation, all sectors should be protected using the sector-protect mode. Sector
unprotect is activated when VCC = 5.0 V (and operation at TA = 25°C), W = VIH, and address pin A9 and control
pins G and E are forced to VID. Address pin A6 = VIL, and pins A7 and A12 are set to VIH. The sector-select
address pins A14, A15, and A16 can be VIL or VIH. All eight sectors are unprotected in parallel, and once the
inputs are stable, W is pulsed low for 10 ms. The unprotect operation begins on the falling edge of W and
terminates on the rising edge of W. Figure 17 shows a timing diagram of the sector-unprotect operation.
sector-unprotect verify
Verification of sector-unprotect is accomplished when VCC = 5.0 V (and operation at TA = 25°C), W = VIH,
G = VIL, E = VIL, and address pin A9 = VID, and then select the sector to be verified. Address pins A1 and A6
are set to VIH while pin A0 is set to VIL. The other address pins can be VIH or VIL. If the sector that is selected
is protected, the DQs output 01h and if the sector is not protected, the DQs output 00h.
low VCC write lockout
During power up and power down, write operations are locked out for VCC less than VLKO. If VCC < VLKO, the
command input is disabled and the device is reset to the read mode. On power up, if E = VIL, W = VIL, and
G = VIH, the device does not accept commands on the rising edge of W. The device automatically powers up
in the read mode.
glitching
Pulses of less than 5 ns (typical) on G, W, or E do not issue a write cycle.
power supply considerations
Each device should have a 0.1-
µF ceramic capacitor connected between VCC and VSS to suppress circuit noise.
Printed circuit traces to VCC should be appropriate to handle the current demand and minimize inductance.


Similar Part No. - TMS29F010-12C5FME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F010-12CSFME TI-TMS29F010-12CSFME Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010-12CSFML TI-TMS29F010-12CSFML Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010-12CSFMQ TI-TMS29F010-12CSFMQ Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS29F010-12C5FME

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV4096 ATMEL-AT27BV4096_14 Datasheet
324Kb / 14P
   Pin Compatible with JEDEC Standard AT27C4096
logo
Xilinx, Inc
XCR22V10 XILINX-XCR22V10 Datasheet
208Kb / 14P
   Function/JEDEC map compatible with Bipolar
logo
List of Unclassifed Man...
SK9850 ETC1-SK9850 Datasheet
164Kb / 1P
   INTEGRATED CIRCUIT PINOUTS
logo
Intersil Corporation
CDP1852 INTERSIL-CDP1852 Datasheet
153Kb / 9P
   Byte-Wide Input/Output Port
March 1997
logo
Actel Corporation
A1020B-PLG84C ACTEL-A1020B-PLG84C Datasheet
172Kb / 24P
   5V and 3.3V Families fully compatible with JEDEC specifications
logo
API Technologies Corp
HS2700LCC APITECH-HS2700LCC Datasheet
71Kb / 2P
   Carrier Precision Voltage References JEDEC- Compatible
logo
List of Unclassifed Man...
SK7460 ETC-SK7460 Datasheet
281Kb / 1P
   INTEGRATED CIRCUIT PINOUTS
logo
Maxim Integrated Produc...
MAX4889B MAXIM-MAX4889B Datasheet
209Kb / 12P
   Industry-Standard Pinouts
Rev 2; 8/10
logo
Fairchild Semiconductor
MKT-N16E FAIRCHILD-MKT-N16E Datasheet
129Kb / 1P
   16LD MDIP JEDEC MS-001 300 WIDE
logo
Analog Devices
ADG799G AD-ADG799G_15 Datasheet
574Kb / 24P
   Compatible, Wide Bandwidth
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com