Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C30 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C30
Description  DIGITAL SIGNAL PROCESSOR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C30 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C30_16 Datasheet HTML 1Page - Texas Instruments TMS320C30_16 Datasheet HTML 2Page - Texas Instruments TMS320C30_16 Datasheet HTML 3Page - Texas Instruments TMS320C30_16 Datasheet HTML 4Page - Texas Instruments TMS320C30_16 Datasheet HTML 5Page - Texas Instruments TMS320C30_16 Datasheet HTML 6Page - Texas Instruments TMS320C30_16 Datasheet HTML 7Page - Texas Instruments TMS320C30_16 Datasheet HTML 8Page - Texas Instruments TMS320C30_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
TMS320C30
DIGITAL SIGNAL PROCESSOR
SPRS032A – APRIL 1996 – REVISED JUNE 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C30 GEL Pin Assignments (Numerical)
PIN
PIN
PIN
PIN
PIN
NAME
NO.
NAME
NO.
NAME
NO.
NAME
NO.
NAME
NO.
H3
D2
D3
D7
D10
A1
A2
A3
A4
A5
D30
XA3
DVSS
XA7
XA10
C11
C12
C13
C14
C15
XF1
R/W
A1
A2
A3
G3
G4
G12
G13
G14
A13
RSV8
RSV10
FSR1
PDVDD
L15
M1
M2
M3
M4
XD17
XD20
XD24
XD29
CVSS
P10
P11
P12
P13
P14
D13
D16
D17
D19
D22
A6
A7
A8
A9
A10
XR/W
XRDY
VBBP
DDVDD
D1
D1
D2
D3
D4
D5
A4
INT1
INT0
VSS
VDD
G15
H1
H2
H3
H4
CLKX0
EMU6
XD5
VDD
XD16
M5
M6
M7
M8
M9
XD31
DR0
FSX0
DX0
XD0
P15
R1
R2
R3
R4
D25
D28
XA0
XA1
XA5
A11
A12
A13
A14
A15
D6
D12
VDD
D23
D29
D6
D7
D8
D9
D10
MDVDD
ADVDD
VDD
VSS
A6
H5
H11
H12
H13
H14
XD22
XD27
IODVDD
A21
A19
M10
M11
M12
M13
M14
XD3
XD6
XD9
XD11
XD12
R5
R6
R7
R8
R9
X2/CLKIN
CVSS
H1
D4
D8
B1
B2
B3
B4
B5
XA2
ADVDD
XA9
XA11
MC/MP
D11
D12
D13
D14
D15
A5
INT2
INT3
RSV0
RSV1
H15
J1
J2
J3
J4
A16
DR1
CLKX1
DVSS
CLKR0
M15
N1
N2
N3
N4
XD15
XD18
XD21
XD25
XD26
R10
R11
R12
R13
R14
D11
D15
D18
D20
D24
B6
B7
B8
B9
B10
RDY
HOLDA
MSTRB
VSUBS
LOCATOR
E1
E2
E3
E4
E5
A11
A9
A8
A7
RSV2
J12
J13
J14
J15
K1
TCLK1
XD2
XD7
VSS
XD14
N5
N6
N7
N8
N9
XD30
R15
D27
D31
XA4
IVSS
XA6
B11
B12
B13
B14
B15
DDVDD
XA8
XA12
EMU3
EMU1
E8
E12
E13
E14
E15
RSV3
RSV5
RSV7
A17
A14
K2
K3
K4
K12
K13
XD19
XD23
XD28
DVSS
A23
N10
N11
N12
N13
N14
EMU5
X1
DVSS
D0
D5
C1
C2
C3
C4
C5
RESET
STRB
HOLD
IOSTRB
EMU4/SHZ
F1
F2
F3
F4
F12
A12
A10
RSV4
RSV6
RSV9
K14
K15
L1
L2
L3
A20
FSX1
DX1
FSR0
TCLK0
N15
P1
P2
P3
P4
D9
D14
VSS
D21
D26
C6
C7
C8
C9
C10
EMU2
EMU0
A0
IACK
XF0
F13
F14
F15
G1
G2
CLKR1
IODVDD
A22
A18
A15
L4
L8
L12
L13
L14
XD1
XD4
XD8
XD10
XD13
P5
P6
P7
P8
P9
† ADVDD, CVSS, DDVDD, DVSS, IODVDD, IVSS, MDVDD, PDVDD, VDD, and VSS pins are on a common plane internal to the device.


Similar Part No. - TMS320C30_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C30GEL TI-TMS320C30GEL Datasheet
834Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30GEL TI-TMS320C30GEL Datasheet
722Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30GEL27 TI-TMS320C30GEL27 Datasheet
834Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30GEL27 TI-TMS320C30GEL27 Datasheet
829Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30GEL27 TI-TMS320C30GEL27 Datasheet
722Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C30_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com