Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C040 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27C040
Description  PROGRAMMABLE READ-ONLY MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C040 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27C040_08 Datasheet HTML 4Page - Texas Instruments TMS27C040_08 Datasheet HTML 5Page - Texas Instruments TMS27C040_08 Datasheet HTML 6Page - Texas Instruments TMS27C040_08 Datasheet HTML 7Page - Texas Instruments TMS27C040_08 Datasheet HTML 8Page - Texas Instruments TMS27C040_08 Datasheet HTML 9Page - Texas Instruments TMS27C040_08 Datasheet HTML 10Page - Texas Instruments TMS27C040_08 Datasheet HTML 11Page - Texas Instruments TMS27C040_08 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TMS27C040 524288 BY 8BIT UV ERASABLE
TMS27PC040 524288 BY 8BIT
PROGRAMMABLE READONLY MEMORY
SMLS040F − NOVEMBER 1990 − REVISED SEPTEMBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
2.08 V
RL = 800 Ω
CL = 100 pF
(see Note A)
Output
Under Test
2 V
0.8 V
2 V
0.8 V
2.4 V
0.4 V
NOTES: A. CL includes probe and fixture capacitance.
B. AC testing inputs are driven at 2.4 V for logic high and 0.4 V for logic low. Timing measurements are made at 2 V for logic high and
0.8 V for logic low for both inputs and outputs.
Figure 2. AC Testing Output Load Circuit and Waveform
A0 − A18
E
Addresses Valid
ta(A)
ta(E)
G
DQ0 − DQ7
Hi-Z
ten(G)
tv(A)
tdis
Output Valid
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Hi-Z
Figure 3. Read-Cycle Timing


Similar Part No. - TMS27C040_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS27C040 TI-TMS27C040 Datasheet
193Kb / 15P
[Old version datasheet]   READ-ONLY MEMORIES
More results

Similar Description - TMS27C040_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com