Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6201GJL200 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C6201GJL200
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6201GJL200 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C6201GJL200 Datasheet HTML 1Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 2Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 3Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 4Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 5Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 6Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 7Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 8Page - Texas Instruments TMS320C6201GJL200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
TMS320C6201
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS051H -- JANUARY 1997 -- REVISED MARCH 2004
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
functional and CPU (DSP core) block diagram
Multichannel
Buffered Serial
Port 1
32
Direct Memory
Access Controller
(DMA)
(4 Channels)
Test
C62x CPU (DSP Core)
Data Path B
B Register File
Program
Access/Cache
Controller
Instruction Fetch
Instruction Dispatch
Instruction Decode
Data Path A
A Register File
PLL
(x1, x4)
Data
Access
Controller
Power-
Down
Logic
.L1 .S1 .M1 .D1
.D2 .M2 .S2
.L2
ROM/FLASH
SRAM
I/O Devices
32
Synchronous
FIFOs
I/O Devices
Timer 0
Timer 1
External Memory
Interface (EMIF)
Multichannel
Buffered Serial
Port 0
Host Port
Interface
(HPI)
Internal Program Memory
(64K Bytes)
Control
Registers
Control
Logic
Internal Data
Memory
(64K Bytes)
In-Circuit
Emulation
Interrupt
Control
Framing Chips:
H.100, MVIP,
SCSA, T1, E1
AC97 Devices,
SPI Devices,
Codecs
HOST CONNECTION
Master /Slave
TI PCI2040
Power PC
683xx
960
C6201 Digital Signal Processors
Peripheral Control Bus
Boot Configuration
Interrupt
Selector
SBSRAM
SDRAM


Similar Part No. - TMS320C6201GJL200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6201GJL100 TI-TMS320C6201GJL100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6201GJL200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com