Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6203B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6203B
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6203B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6203B Datasheet HTML 2Page - Texas Instruments TMS320C6203B Datasheet HTML 3Page - Texas Instruments TMS320C6203B Datasheet HTML 4Page - Texas Instruments TMS320C6203B Datasheet HTML 5Page - Texas Instruments TMS320C6203B Datasheet HTML 6Page - Texas Instruments TMS320C6203B Datasheet HTML 7Page - Texas Instruments TMS320C6203B Datasheet HTML 8Page - Texas Instruments TMS320C6203B Datasheet HTML 9Page - Texas Instruments TMS320C6203B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
TMS320C6203B
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS086N − JANUARY 1999 − REVISED JULY 2006
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C6203B device is part of the TMS320C62x
 fixed-point DSP generation in the TMS320C6000
DSP platform. The C62x
 DSP devices are based on the high-performance, advanced VelociTI
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making these DSPs an
excellent choice for multichannel and multifunction applications.
The TMS320C62x
 DSP offers cost-effective solutions to high-performance DSP-programming challenges.
The TMS320C6203B has a performance capability of up to 2400 MIPS at a clock rate of 300 MHz. The C6203B
DSP possesses the operational flexibility of high-speed controllers and the numerical capability of array
processors. This processor has 32 general-purpose registers of 32-bit word length and eight highly
independent functional units. The eight functional units provide six arithmetic logic units (ALUs) for a high
degree of parallelism and two 16-bit multipliers for a 32-bit result. The C6203B can produce two
multiply-accumulates (MACs) per cycle for a total of 600 million MACs per second (MMACS). The C6203B DSP
also has application-specific hardware logic, on-chip memory, and additional on-chip peripherals.
The C6203B device program memory consists of two blocks, with a 256K-byte block configured as
memory-mapped program space, and the other 128K-byte block user-configurable as cache or
memory-mapped program space. Data memory for the C6203B consists of two 256K-byte blocks of RAM.
The C6203B device has a powerful and diverse set of peripherals. The peripheral set includes three
multichannel buffered serial ports (McBSPs), two general-purpose timers, a 32-bit expansion bus (XBus) that
offers ease of interface to synchronous or asynchronous industry-standard host bus protocols, and a glueless
32-bit external memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous
peripherals.
The C62x devices have a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows
 debugger interface for visibility into source
code execution.
device characteristics
Table 1 provides an overview of the TMS320C6203B, TMS320C6202, TMS320C6202B, and TMS320C6204
DSPs. The table shows significant features of each device, including the capacity of on-chip RAM, the
peripherals, the execution time, and the package type with pin count, etc. This data sheet primarily focuses on
the functionality of the TMS320C6203B device although it also identifies to the user the pin-compatibility of the
C6203B and C6202 GLS, and the C6204 GLW BGA packages. This data sheet identifies the pin-compatibility
of the C6203B and the C6202B GNZ, GNY and ZNY packages. For the functionality information on the
TMS320C6202/02B devices, see the TMS320C6202, TMS320C6202B Fixed-Point Digital Signal Processors
Data Sheet (literature number SPRS104). For the functionality information on the TMS320C6204 device, see
the TMS320C6204 Fixed-Point Digital Signal Processor Data Sheet (literature number SPRS152). And for
more details on the C6000
 DSP part numbering, see Figure 4.
TMS320C6000 and C6000 are trademarks of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.


Similar Part No. - TMS320C6203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6203B TI-TMS320C6203B Datasheet
1Mb / 106P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B Datasheet
1Mb / 108P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203BGLS-3H TI-TMS320C6203BGLS-3H Datasheet
1Mb / 106P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203BGNY173 TI-TMS320C6203BGNY173 Datasheet
1Mb / 106P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203BGNY173 TI1-TMS320C6203BGNY173 Datasheet
1Mb / 108P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com