Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6201GGP167 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C6201GGP167
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6201GGP167 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6201GGP167 Datasheet HTML 1Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 2Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 3Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 4Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 5Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 6Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 7Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 8Page - Texas Instruments TMS320C6201GGP167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
TMS320C6201
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS051H -- JANUARY 1997 -- REVISED MARCH 2004
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
device characteristics
Table 1 provides an overview of the C6201 DSP. The table shows significant features of each device, including
the capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count.
Table 1. Characteristics of the C6201 Processor
HARDWARE FEATURES
C6201 (FIXED-POINT DSP)
EMIF
1
DMA
1
Peripherals
HPI
1
Peripherals
McBSPs
2
32-Bit Timers
2
Size (Bytes)
72K
On-Chip Memory
Organization
512-Kbit Program Memory
512-Kbit Data Memory (organized as two blocks)
CPU ID+Rev ID
Control Status Register (CSR.[31:16])
0x0002
Frequency
MHz
200
Cycle Time
ns
5 ns (C6201-200)
Voltage
Core (V)
1.8
Voltage
I/O (V)
3.3
PLL Options
CLKIN frequency multiplier
Bypass (x1), x4
BGA Packages
27 x 27 mm
352-Pin BGA (GJL)
BGA Packages
35 x 35 mm
352-Pin BGA (GJC)
Process Technology
μm
0.18 μm
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
Device Part Numbers
(For more details on the C6000™ DSP part
numbering, see Figure 4)
TMS320C6201GJC200
TMS320C6201GJCA200
TMS320C6201GJL200
TMS320C6201GJLA200
C6000 is a trademark of Texas Instruments.


Similar Part No. - TMS320C6201GGP167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6201GGP100 TI-TMS320C6201GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6201GGP167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com