Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP105FA Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EP105FA
Description  3.3V / 5V ECL Quad 2-Input Differential AND/NAND
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP105FA Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EP105FA Datasheet HTML 1Page - ON Semiconductor MC10EP105FA Datasheet HTML 2Page - ON Semiconductor MC10EP105FA Datasheet HTML 3Page - ON Semiconductor MC10EP105FA Datasheet HTML 4Page - ON Semiconductor MC10EP105FA Datasheet HTML 5Page - ON Semiconductor MC10EP105FA Datasheet HTML 6Page - ON Semiconductor MC10EP105FA Datasheet HTML 7Page - ON Semiconductor MC10EP105FA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EP105, MC100EP105
http://onsemi.com
5
100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = –5.5 V to –3.0 V (Note 18)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
45
59
75
45
62
75
45
64
75
mA
VOH
Output HIGH Voltage (Note 19)
–1145
–1020
–895
–1145
–1020
–895
–1145
–1020
–895
mV
VOL
Output LOW Voltage (Note 19)
–1945
–1820
–1695
–1945
–1820
–1695
–1945
–1820
–1695
mV
VIH
Input HIGH Voltage (Single–Ended)
–1225
–880
–1225
–880
–1225
–880
mV
VIL
Input LOW Voltage (Single–Ended)
–1945
–1625
–1945
–1625
–1945
–1625
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 20)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
18. Input and output parameters vary 1:1 with VCC.
19. All loading with 50
Ω to VCC–2.0 volts.
20. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
AC CHARACTERISTICS VCC = 0 V; VEE = –3.0 V to –5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 21)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 3 Fmax/JITTER)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
175
250
325
200
275
350
225
300
375
ps
tSKEW
Within Device Skew
Device to Device Skew (Note 22)
10
50
10
50
15
50
ps
tJITTER
Cycle–to–Cycle Jitter
(See Figure 3 Fmax/JITTER)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing (Differential)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q
(20% – 80%)
100
150
200
120
170
220
150
200
250
ps
21. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
Ω to VCC–2.0 V.
22. Skew is measured between outputs under identical transitions.
0
100
200
300
400
500
600
700
800
900
1000
0
1000
2000
3000
4000
5000
Figure 3. Fmax/Jitter
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
9
10
(JITTER)


Similar Part No. - MC10EP105FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP105FA ONSEMI-MC10EP105FA Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10EP105FA ONSEMI-MC10EP105FA Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10EP105FAG ONSEMI-MC10EP105FAG Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10EP105FAR2 ONSEMI-MC10EP105FAR2 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10EP105FAR2 ONSEMI-MC10EP105FAR2 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
More results

Similar Description - MC10EP105FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com