Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148WS Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # 1N4148WS
Description  FAST SWITHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1N4148WS Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  1N4148WS Datasheet HTML 1Page - Bruckewell Technology LTD 1N4148WS Datasheet HTML 2Page - Bruckewell Technology LTD 1N4148WS Datasheet HTML 3Page - Bruckewell Technology LTD 1N4148WS Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148WS
FAST SWITHING DIODES
Publication Order Number: [1N4148WS]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Fast switching speed
• Surface mount package ideally suited for automatic
insertion
• For general purpose switching applications
• High conductance
• RoHS compliant package
Mechanical Data
• Case: Molded plastic body
• Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
• Polarity: Polarity symbols marked on case
• Marking:T6, T4
Packing & Order Information
3,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum ratings and electrical characteristics, Single diode @TA=25°C
Parameter
Symbol
Limits
Unit
Peak repetitive peak reverse voltage
Working peak
DC Blocking voltage
VRRM
VRWM
VR
75
V
RMS Reverse voltage
VR(RMS)
53
V
Forward continuous current
IFM
300
mA
Average rectified output current
IO
150
mA
Peak forward current @=1.0us
@=1.0s
IFSM
2.0
1.0
A
Power dissipation
PD
400
mW
Thermal resistance junction to ambient
RQJA
625
K/W
Junction temperature
Tj
125
°C
Storage temperature
TSTG
-65 to +150
°C
Non-Repetitive peak reverse voltage
VRM
100
V


Similar Part No. - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
1N4148WS SMC-1N4148WS Datasheet
130Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
Diotec Semiconductor
1N4148WS DIOTEC-1N4148WS Datasheet
134Kb / 2P
   SMD Small Signal Switching Diodes
logo
Vishay Siliconix
1N4148WS VISHAY-1N4148WS Datasheet
142Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.7, 14-Sep-07
More results

Similar Description - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BAV16W_1N4148W BWTECH-BAV16W_1N4148W Datasheet
302Kb / 4P
   FAST SWITHING DIODES
logo
Shanghai Shunye Electro...
BAV16W SHUNYE-BAV16W_17 Datasheet
754Kb / 2P
   FAST SWITHING DIODES
logo
Microdiode Electronics ...
1N4148W CHENDA-1N4148W_V01 Datasheet
877Kb / 3P
   FAST SWITHING DIODES
logo
Shanghai Shunye Electro...
BAV16W SY-BAV16W Datasheet
735Kb / 2P
   FAST SWITHING DIODES
BAV16W SHUNYE-BAV16W Datasheet
735Kb / 2P
   FAST SWITHING DIODES
logo
Microdiode Electronics ...
1N4148W CHENDA-1N4148W Datasheet
529Kb / 2P
   FAST SWITHING DIODES
BAV16W CHENDA-BAV16W Datasheet
596Kb / 2P
   FAST SWITHING DIODES
logo
SHIKUES Electronics
BAS70WS SKTECHNOLGY-BAS70WS Datasheet
1Mb / 3P
   Low-Turn-on Volatage, Fast Swithing
BAS70W SKTECHNOLGY-BAS70W Datasheet
1Mb / 2P
   Low Turn-on Voltage, Fast Swithing
SK75N06 SKTECHNOLGY-SK75N06 Datasheet
1Mb / 2P
   75A, 60V N-Channel Fast Swithing MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com