Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9013W Datasheet(PDF) 4 Page - Diode Semiconductor Korea

Part # S9013W
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

S9013W Datasheet(HTML) 4 Page - Diode Semiconductor Korea

  S9013W Datasheet HTML 1Page - Diode Semiconductor Korea S9013W Datasheet HTML 2Page - Diode Semiconductor Korea S9013W Datasheet HTML 3Page - Diode Semiconductor Korea S9013W Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPN Silicon Epitaxial Planar Transistor
S9013W
PACKAGE OUTLINE
Plastic surface mounted package
SOT-323
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
S9013W
SOT-323
3000/Tape&Reel
SOT-323
Dim
Min
Max
A
1.8
2.2
B
1.15
1.35
C
1.0Typical
D
0.15
0.35
E
0.25
0.40
G
1.2
1.4
H
0.02
0.1
J
0.1Typical
K
2.1
2.3
All Dimensions in mm
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - S9013W

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S9013W BILIN-S9013W Datasheet
197Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
S9013W HTSEMI-S9013W Datasheet
436Kb / 1P
   TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
S9013W SECOS-S9013W Datasheet
59Kb / 1P
   0.5A , 40V NPN Plastic Encapsulated Transistor
logo
Galaxy Semi-Conductor H...
S9013W BILIN-S9013W Datasheet
217Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Jiangsu Changjiang Elec...
S9013W JIANGSU-S9013W Datasheet
759Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
More results

Similar Description - S9013W

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com