Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP22N60K Datasheet(PDF) 6 Page - International Rectifier

Part # IRFP22N60K
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP22N60K Datasheet(HTML) 6 Page - International Rectifier

  IRFP22N60K Datasheet HTML 1Page - International Rectifier IRFP22N60K Datasheet HTML 2Page - International Rectifier IRFP22N60K Datasheet HTML 3Page - International Rectifier IRFP22N60K Datasheet HTML 4Page - International Rectifier IRFP22N60K Datasheet HTML 5Page - International Rectifier IRFP22N60K Datasheet HTML 6Page - International Rectifier IRFP22N60K Datasheet HTML 7Page - International Rectifier IRFP22N60K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFP22N60K
6
www.irf.com
25
50
75
100
125
150
0
200
400
600
800
Starting T , Junction Temperature
( C)
J
°
I D
TOP
BOTTOM
9.8A
14A
22A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13a. Gate Charge Test Circuit
Fig 13b. Basic Gate Charge Waveform
Fig 12a. Maximum Avalanche Energy
Vs. Drain Current
Fig 12d. Unclamped Inductive Waveforms
Fig 12c. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V


Similar Part No. - IRFP22N60K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP22N60K VISHAY-IRFP22N60K Datasheet
150Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP22N60K ISC-IRFP22N60K Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N60K VISHAY-IRFP22N60K Datasheet
228Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP22N60KPBF IRF-IRFP22N60KPBF Datasheet
175Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP22N60KPBF VISHAY-IRFP22N60KPBF Datasheet
150Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
More results

Similar Description - IRFP22N60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com