Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6742ZCE Datasheet(PDF) 3 Page - Texas Instruments

Part # TMX320C6742ZCE
Description  Fixed- and Floating-Point DSP
Download  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320C6742ZCE Datasheet(HTML) 3 Page - Texas Instruments

  TMX320C6742ZCE Datasheet HTML 1Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 2Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 3Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 4Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 5Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 6Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 7Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 8Page - Texas Instruments TMX320C6742ZCE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 187 page
background image
TMS320C6742
www.ti.com
SPRS587E – JUNE 2009 – REVISED MARCH 2014
1.2
Applications
Currency Inspection
Machine Vision (Low-End)
Biometric Identification
1.3
Description
The TMS320C6742 fixed- and floating-point DSP is a low-power applications processor based on a C674x
DSP core. This DSP provides significantly lower power than other members of the TMS320C6000™
platform of DSPs.
The device enables original-equipment manufacturers (OEMs) and original-design manufacturers (ODMs)
to quickly bring to market devices with robust operating systems, rich user interfaces, and high processor
performance through the maximum flexibility of a fully integrated, mixed processor solution.
The device DSP core uses a 2-level cache-based architecture. The level 1 program cache (L1P) is a
32-KB direct mapped cache, and the level 1 data cache (L1D) is a 32-KB 2-way, set-associative cache.
The level 2 program cache (L2P) consists of a 64-KB memory space that is shared between program and
data space. L2 memory can be configured as mapped memory, cache, or combinations of the two.
The peripheral set includes: one I2C Bus interface; one multichannel audio serial port (McASP) with 16
serializers and FIFO buffers; one multichannel buffered serial port (McBSP) with FIFO buffers; one serial
peripheral interface (SPI) with multiple chip selects; two 64-bit general-purpose timers each configurable
(one configurable as a watchdog); a configurable 16-bit host-port interface (HPI); up to 9 banks of general-
purpose input/output (GPIO) pins, with each bank containing 16 pins with programmable interrupt and
event generation modes, multiplexed with other peripherals; one UART interface (with RTS and CTS); two
enhanced high-resolution pulse width modulator (eHRPWM) peripherals; three 32-bit enhanced capture
(eCAP) module peripherals which can be configured as 3 capture inputs or 3 APWM outputs; two external
memory interfaces: an asynchronous and SDRAM external memory interface (EMIFA) for slower
memories or peripherals; and a higher speed DDR2/Mobile DDR controller.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections in this document and
the associated peripheral reference guides.
The device has a complete set of development tools for the DSP. These tools include C compilers, a DSP
assembly optimizer to simplify programming and scheduling, and a Windows® debugger interface for
visibility into source code execution.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TMS320C6742ZCE
NFBGA (361)
13,00 mm x 13,00 mm
TMS320C6742ZWT
NFBGA (361)
16,00 mm x 16,00 mm
Copyright © 2009–2014, Texas Instruments Incorporated
TMS320C6742 Fixed- and Floating-Point DSP
3
Submit Documentation Feedback
Product Folder Links: TMS320C6742


Similar Part No. - TMX320C6742ZCE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6742ZCE3 TI-TMX320C6742ZCE3 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMX320C6742ZCEA3 TI-TMX320C6742ZCEA3 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
More results

Similar Description - TMX320C6742ZCE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com