Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54ADW Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BAT54ADW
Description  SOT-363 Plastic-Encapsulate Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAT54ADW Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BAT54ADW Datasheet HTML 1Page - Bruckewell Technology LTD BAT54ADW Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS(Ta=25unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
30
V
Reverse current
IR
VR=25V
2
μA
IF=1mA
320
IF=10mA
400
IF=30mA
500
Forward voltage
VF
IF=100mA
1000
mV
Total capacitance
Ctot
VR=1V,f=1MHz
10
pF
Reverse recovery time
trr
IF= IR=10mA, Irr=0.1×IR, RL=100Ω
5
ns


Similar Part No. - BAT54ADW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
SHENZHEN YONGERJIA INDU...
BAT54ADW WINNERJOIN-BAT54ADW Datasheet
102Kb / 1P
   SCHOTTKY DIODE
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
SeCoS Halbleitertechnol...
BAT54ADW SECOS-BAT54ADW Datasheet
494Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Weitron Technology
BAT54ADW WEITRON-BAT54ADW Datasheet
533Kb / 4P
   Surface Mount Schottky Barrier Diodes Arrays
More results

Similar Description - BAT54ADW

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS16TW1T1 WILLAS-BAS16TW1T1 Datasheet
368Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40TW DGNJDZ-BAS40TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
logo
Nanjing International G...
MMBD4448DW DGNJDZ-MMBD4448DW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAS19AVD DGNJDZ-BAS19AVD Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
MMBD4448TW DGNJDZ-MMBD4448TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAT54ADW DGNJDZ-BAT54ADW Datasheet
946Kb / 5P
   SOT-363 Plastic-Encapsulate Diodes
BAS16TW DGNJDZ-BAS16TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAV70DW WILLAS-BAV70DW Datasheet
368Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com