Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V1671 Datasheet(PDF) 94 Page - Integrated Device Technology

Part # IDT82V1671
Description  CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V1671 Datasheet(HTML) 94 Page - Integrated Device Technology

Back Button IDT82V1671 Datasheet HTML 90Page - Integrated Device Technology IDT82V1671 Datasheet HTML 91Page - Integrated Device Technology IDT82V1671 Datasheet HTML 92Page - Integrated Device Technology IDT82V1671 Datasheet HTML 93Page - Integrated Device Technology IDT82V1671 Datasheet HTML 94Page - Integrated Device Technology IDT82V1671 Datasheet HTML 95Page - Integrated Device Technology IDT82V1671 Datasheet HTML 96Page - Integrated Device Technology IDT82V1671 Datasheet HTML 97Page - Integrated Device Technology IDT82V1671 Datasheet HTML 98Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
94
RSLIC (IDT82V1671) & CODEC (IDT82V1074) CHIPSET
INDUSTRIAL TEMPERATURE RANGE
7
ELECTRICAL CHARACTERISTICS
7.1
RSLIC ELECTRICAL CHARACTERISTICS
7.1.1
RSLIC ABSOLUTE MAXIMUM RATINGS
Note: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
7.1.2
RSLIC RECOMMENDED OPERATING CONDITIONS
7.1.3
RSLIC THERMAL INFORMATION
7.1.4
RSLIC POWER CONSUMPTION
Ratings
Min.
Max.
Unit
Power supply voltage VDD
−0.5
+5V
VDD-VBH
75
V
Tip/Ring negative pulse
VBH
− 0.7
V
Tip/Ring positive pulse
VDD
+ 0.7
V
ESD voltage (Human body model)
1kV
Parameter
Min.
Max.
Unit
Operating temperature
−40
+85
°C
Power supply voltage VDD
+3.135
+3.465
V
Low battery power supply VBL
−52
−20
V
High battery power supply VBH
−70
−52
V
Parameter
Min.
Max.
Unit
Thermal resistance
70
°C/W
Maximum junction temperature (plastic)
150
°C
Description
Min.
Typ.
Max.
Units
Test Conditions
RSLIC power consumption in power down mode
90
100
mW
VDD = +3.3 V, VBH =
−70 V, VBL = −48 V;
without load.between the Tip pin and the
Ring pin.
RSLIC power consumption in standby mode
160
180
mW
RSLIC power consumption in normal active mode
400
450
mW


Similar Part No. - IDT82V1671

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT82V1054APF IDT-IDT82V1054APF Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068PF IDT-IDT82V1068PF Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
More results

Similar Description - IDT82V1671

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
   Ringing Subscriber Line Interface Circuit
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com