Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V1671 Datasheet(PDF) 81 Page - Integrated Device Technology

Part # IDT82V1671
Description  CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V1671 Datasheet(HTML) 81 Page - Integrated Device Technology

Back Button IDT82V1671 Datasheet HTML 77Page - Integrated Device Technology IDT82V1671 Datasheet HTML 78Page - Integrated Device Technology IDT82V1671 Datasheet HTML 79Page - Integrated Device Technology IDT82V1671 Datasheet HTML 80Page - Integrated Device Technology IDT82V1671 Datasheet HTML 81Page - Integrated Device Technology IDT82V1671 Datasheet HTML 82Page - Integrated Device Technology IDT82V1671 Datasheet HTML 83Page - Integrated Device Technology IDT82V1671 Datasheet HTML 84Page - Integrated Device Technology IDT82V1671 Datasheet HTML 85Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
81
RSLIC (IDT82V1671) & CODEC (IDT82V1074) CHIPSET
INDUSTRIAL TEMPERATURE RANGE
LREG20: RSLIC IO Direction Configuration and IO Status Register, Read/Write (13H/93H)
IO_C[3:0]
RSLIC IO direction configuration. The IO_C[3:0] bits determine the directions of the IO4 to IO1 pins, respectively.
IO_C[3] = 0:
The IO4 pin of the specified channel is configured as an input (default);
IO_C[3] = 1:
The IO4 pin of the specified channel is configured as an output.
IO_C[2] = 0:
The IO3 pin of the specified channel is configured as an input (default);
IO_C[2] = 1:
The IO3 pin of the specified channel is configured as an output.
IO_C[1] = 0:
The IO2 pin of the specified channel is configured as an input (default);
IO_C[1] = 1:
The IO2 pin of the specified channel is configured as an output.
IO_C[0] = 0:
The IO1 pin of the specified channel is configured as an input (default);
IO_C[0] = 1:
The IO1 pin of the specified channel is configured as an output.
IO[3:0]
IO pin status (when the corresponding IO pin is configured as an input) or IO control data (when the corresponding IO
pin is configured as an output)
IO[3] = 0:
The IO4 pin of the specified channel is in logic low state (when configured as an input) or it is set to
logic low (when configured as an output);
IO[3] = 1:
The IO4 pin of the specified channel is in logic high state (when configured as an input) or it is set to
logic high (when configured as an output);
IO[2] = 0:
The IO3 pin of the specified channel is in logic low state (when configured as an input) or it is set to
logic low (when configured as an output);
IO[2] = 1:
The IO3 pin of the specified channel is in logic high state (when configured as an input) or it is set to
logic high (when configured as an output);
IO[1] = 0:
The IO2 pin of the specified channel is in logic low state (when configured as an input) or it is set to
logic low (when configured as an output);
IO[1] = 1:
The IO2 pin of the specified channel is in logic high state (when configured as an input) or it is set to
logic high (when configured as an output);
IO[0] = 0:
The IO1 pin of the specified channel is in logic low state (when configured as an input) or it is set to
logic low (when configured as an output);
IO[0] = 1:
The IO1 pin of the specified channel is in logic high state (when configured as an input) or it is set to
logic high (when configured as an output);
Once the IOn pin is configured as an input, each change of the corresponding IO[n] bit will generate an interrupt if the mask bit IO_M[n]
in LREG19 is set to 0. A read command to this register will clear the interrupt caused by changes of the IO[3:0] bits.
LREG21: Interrupt Source Register, Read Only (14H)
FEED_I
DC feeding characteristic indication bit for the constant current zone.
Whenever the DC feeding is operated at the constant zone, the FEED_I is set to 1, otherwise it is set to 0.
FEED_V
DC feeding characteristic indication bit for the constant voltage zone.
Whenever the DC feeding is operated at the constant voltage zone, the FEED_V bit it is set to 1, otherwise it is set to 0.
FEED_R
DC feeding characteristic indication bit for the resistive zone.
Whenever the DC feeding is operated at the resistive zone, the FEED_R bit is set to 1, otherwise it is set to 0.
b7
b6
b5
b4
b3
b2
b1
b0
Command
R/W
0010
011
I/O data
IO_C[3]
IO_C[2]
IO_C[1]
IO_C[0]
IO[3]
IO[2]
IO[1]
IO[0]
b7
b6
b5
b4
b3
b2
b1
b0
Command
0
0010
100
I/O data
FEED_I
FEED_V
FEED_R
LM_OK
UTD_OK
OTMP
RAMP_OK
GK_POL


Similar Part No. - IDT82V1671

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT82V1054APF IDT-IDT82V1054APF Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068PF IDT-IDT82V1068PF Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
More results

Similar Description - IDT82V1671

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
   Ringing Subscriber Line Interface Circuit
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com