Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHJA135 Datasheet(PDF) 3 Page - Dubilier

Part # SHJA135
Description  TANTALUM CHIP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SHJA135 Datasheet(HTML) 3 Page - Dubilier

  SHJA135 Datasheet HTML 1Page - Dubilier SHJA135 Datasheet HTML 2Page - Dubilier SHJA135 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
111
SURFACE MOUNT
TANTALUM CHIP SHJ
RATINGS & NUMBER REFERENCE (CONTINUED)
DUBILIER RESERVES THE RIGHT TO SUPPLY HIGHER VOLTAGE RATINGS IN THE
SAME CASE SIZE WITH THE SAME RELIABILITY STANDARDS.
Part
No.
Case
Size
Capacitance
µF
IL
(µA)
DF
% max
ESR max (Ω)
@100KHz
10 volts
SHJA1.510
A
1.5
0.5
6.0
10.0
SHJA2.210
A
2.2
0.5
6.0
8.0
SHJA6.810
A
6.8
0.7
6.0
4.0
SHJA1010
A
10
1.0
6.0
4.0
SHJA1510
A
10
1.5
8.0
6.0
SHJA2210
A
22
2.2
10.0
6.0
SHJB4.710
B
4.7
0.5
6.0
4.0
SHJB6.810
B
6.8
0.7
6.0
3.0
SHJB3310
B
33
3.3
6.0
1.8
SHJB4710
B
47
4.7
8.0
1.0
SHJB6810
B
68
6.8
10.0
3.0
SHJC1010
C
10
1.0
6.0
2.0
SHJC1510
C
15
1.5
6.0
2.0
SHJC4710
C
47
4.7
6.0
1.2
SHJC6810
C
68
6.8
6.0
1.2
SHJC10010
C
100
10.0
8.0
1.2
SHJC15010
C
150
15.0
10.0
0.9
SHJD3310
D
33
3.3
6.0
0.8
SHJD4710
D
47
4.7
6.0
0.9
SHJD15010
D
150
15.0
8.0
0.9
SHJD22010
D
220
22.0
8.0
0.5
SHJE15010
E
150
15.0
6.0
0.9
SHJE22010
E
220
22.0
8.0
0.5
SHJE33010
E
330
33.0
8.0
0.9
SHJE47010
E
470
47.0
10.0
0.2
16 volts
SHJA116
A
1
0.5
4.0
11.0
SHJA1.516
A
1.5
0.5
6.0
8.0
SHJA4.716
A
4.7
0.8
6.0
4.0
SHJA6.816
A
6.8
1.1
6.0
3.5
SHJA1016
A
10
1.6
8.0
7.0
SHJA1516
A
15
2.4
8.0
3.5
SHJB3.316
B
3.3
0.5
6.0
4.5
SHJB4.716
B
4.7
0.8
6.0
3.5
SHJB1516
B
15
2.4
6.0
2.5
SHJB2216
B
22
3.6
6.0
2.2
SHJC6.816
C
6.8
1.1
6.0
2.5
SHJC1016
C
10
1.6
6.0
2.0
SHJC3316
C
33
5.3
6.0
1.5
SHJC4716
C
47
7.5
6.0
1.2
SHJD2216
D
22
3.5
6.0
0.8
SHJD3316
D
33
5.3
6.0
0.9
SHJD10016
D
100
16.0
6.0
0.9
SHJD15016
D
150
24.0
12.0
0.7
SHJE10016
E
100
16.0
6.0
0.9
SHJE15016
E
150
24.0
8.0
0.5
SHJE22016
E
220
35.2
8.0
0.5
20 volts
SHJA0.6820
A
0.68
0.5
4.0
12.0
SHJA120
A
1
0.5
4.0
9.0
SHJA2.220
A
2.2
0.5
6.0
7.0
SHJA3.320
A
3.3
0.7
6.0
4.5
SHJA4.720
A
4.7
1.0
6.0
4.0
SHJA6.820
A
6.8
1.4
8.0
6.0
SHJB2.220
B
2.2
0.5
6.0
3.5
SHJB3.320
B
3.3
0.7
6.0
3.0
SHJB6.820
B
6.8
1.4
6.0
2.5
SHJB1020
B
10
2.0
6.0
2.1
SHJC4.720
C
4.7
1.0
6.0
2.8
SHJC6.820
C
6.8
1.4
6.0
2.0
SHJC2220
C
22
4.4
6.0
1.2
SHJD1520
D
15
3.0
6.0
1.1
SHJD2220
D
22
4.4
6.0
0.9
SHJD3320
D
33
6.6
6.0
0.9
SHJD4720
D
47
9.4
6.0
0.9
SHJD6820
D
68
13.6
8.0
0.7
SHJE6820
E
68
13.6
6.0
0.9
SHJE10020
E
100
20.0
8.0
0.5
Part
No.
Case
Size
Capacitance
µF
IL
(µA)
DF
% max
ESR max (Ω)
@100KHz
25 volts
SHJA0.4725
A
0.47
0.5
4.0
14.0
SHJA0.6825
A
0.68
0.5
4.0
10.0
SHJA1.525
A
1.5
0.5
6.0
7.5
SHJA4.725
A
4.7
1.2
8.0
6.0
SHJB1.525
B
1.5
0.5
6.0
5.0
SHJB2.225
B
2.2
0.6
6.0
4.5
SHJB4.725
B
4.7
1.2
6.0
1.5
SHJB6.825
B
6.8
1.7
8.0
2.8
SHJC3.325
C
3.3
0.9
6.0
2.8
SHJC4.725
C
4.7
1.2
6.0
2.4
SHJC1525
C
15
3.8
6.0
1.5
SHJC2225
C
22
5.5
6.0
1.4
SHJD6.825
D
6.8
1.7
6.0
1.9
SHJD1025
D
10
2.5
6.0
1.2
SHJD1525
D
15
3.8
6.0
1.0
SHJD3325
D
33
6.6
6.0
0.9
SHJD4725
D
47
11.8
10.0
0.7
SHJE3325
E
33
8.3
6.0
0.9
SHJE4725
E
47
11.7
8.0
0.9
SHJE6825
E
68
17.0
8.0
0.7
35 volts
SHJA0.135
A
0.1
0.5
4.0
24.0
SHJA0.1535
A
0.15
0.5
4.0
21.0
SHJA0.2235
A
0.22
0.5
4.0
18.0
SHJA0.3335
A
0.33
0.5
4.0
15.0
SHJA0.4735
A
0.47
0.5
4.0
12
SHJA135
A
1
0.5
4.0
7.5
SHJB0.4735
B
0.47
0.5
4.0
10.0
SHJB0.6835
B
0.68
0.5
4.0
8.0
SHJB135
B
1
0.5
4.0
5.0
SHJB3.335
B
3.3
1.2
6.0
3.5
SHJB4.735
B
4.7
1.6
6.0
3.1
SHJC1.535
C
1.5
0.5
6.0
4.5
SHJC2.235
C
2.2
0.8
6.0
3.5
SHJC3.335
C
3.3
1.2
6.0
2.5
SHJC6.835
C
6.8
2.4
6.0
1.8
SHJC1035
C
10
3.5
6.0
1.6
SHJC1535
C
15
5.3
6.0
1.4
SHJD4.735
D
4.7
1.6
6.0
1.5
SHJD6.835
D
6.8
2.4
6.0
1.3
SHJD1035
D
10
3.5
6.0
1.0
SHJD2235
D
22
7.7
6.0
0.7
SHJE2235
E
22
7.7
6.0
0.9
SHJE3335
E
33
8.3
6.0
0.6
SHJE4735
E
47
16.5
8.0
0.6
50 volts
SHJA0.150
A
0.1
0.5
4.0
22.0
SHJB0.1550
B
0.15
0.5
4.0
17.0
SHJB0.2250
B
0.22
0.5
4.0
14.0
SHJB0.3350
B
0.33
0.5
4.0
10.0
SHJB0.4750
B
0.47
0.5
4.0
10.0
SHJB0.6850
B
0.68
0.5
4.0
8.0
SHJC0.4750
C
0.47
0.5
4.0
8.0
SHJC0.6850
C
0.68
0.5
4.0
7.0
SHJC150
C
1
0.5
4.0
5.5
SHJC1.550
C
1.5
0.8
6.0
4.5
SHJC2.250
C
2.2
1.1
6.0
3.2
SHJD1.550
D
1.5
0.8
6.0
4.0
SHJD2.250
D
2.2
1.1
6.0
2.5
SHJD3.350
D
3.3
1.7
6.0
2.0
SHJD4.750
D
4.7
2.4
6.0
1.4
SHJD1050
D
10
5.0
6.0
0.8
SHJE6.850
E
6.8
3.4
6.0
1.0
SHJE1050
E
10
5.0
8.0
0.7
SHJE1550
E
15
7.5
8.0
0.7
All technical data relates to an ambient temperature of +25˚C measured at 120Hz,
0.5V RMS unless otherwise stated.
www.dubilier.co.uk


Similar Part No. - SHJA135

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJA1010 DUBILIER-SHJA1010 Datasheet
289Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
SHJA1016 DUBILIER-SHJA1016 Datasheet
289Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
SHJA104 DUBILIER-SHJA104 Datasheet
289Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
SHJA116 DUBILIER-SHJA116 Datasheet
289Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
SHJA120 DUBILIER-SHJA120 Datasheet
289Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
More results

Similar Description - SHJA135

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com