Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25706DGKG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC25706DGKG4
Description  HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25706DGKG4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC25706DGKG4 Datasheet HTML 1Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 2Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 3Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 4Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 5Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 6Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 7Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 8Page - Texas Instruments UCC25706DGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473B -- NOVEMBER 1999 -- REVISED OCTOBER 2010
1
www.ti.com
D
Greater Than 4-MHz Operation
D
Integrated Oscillator / Voltage Feed Forward
Compensation
D
>4:1 Input Voltage Range
D
25-ns Current Limit Delay
D
Programmable Maximum Duty Cycle Clamp
D
Optocoupler Interface
D
50-μA Start-Up Current
D
4.2-mA Operating Current @ 1 MHz
D
Smallest Footprint of the 8-pin MSOP
Package Minimizes Board Area and Height
description
The UCC35705 and UCC35706 devices are 8-pin voltage mode primary side controllers with fast over-current
protection. These devices are used as core high-speed building blocks in high performance isolated and non-isolated
power converters.
UCC35705/UCC35706 devices feature a high speed oscillator with integrated feed-forward compensation for
improved converter performance. A typical current sense to output delay time of 25 ns provides fast response to
overload conditions. The IC also provides an accurate programmable maximum duty cycle clamp for increased
protection which can also be disabled for the oscillator to run at maximum possible duty cycle.
Two UVLO options are offered. The UCC35705 with lower turn-on voltage is intended for dc-to-dc converters while
the higher turn-on voltage and the wider UVLO range of the UCC35706 is better suited for offline applications.
The UCC35705/UCC35706 family is offered in 8-pin MSOP (DGK), SOIC (D) and PDIP (P) packages.
typical application schematic
UDG-99181
VDD
OUT
GND
RC
ILIM
VFF
DISCH
UCC35705/6
+
--
VOUT
+
V
IN
SOFT
START
CIRCUIT
4
5
3
6
8
7
1
TPS2829
--
FB 2
MODE = 1
FET DRIVER
Copyright © 2001 -- 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
ILIM
FB
VFF
DISCH
VDD
OUT
GND
RC
D, OR P PACKAGE
(TOP VIEW)
ILIM
2
1
4
3
7
8
5
6
FB
VFF
DISCH
VDD
OUT
GND
RC
DGK PACKAGE
(TOP VIEW)


Similar Part No. - UCC25706DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706DGK TI-UCC25706DGK Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC25706DGKTR TI-UCC25706DGKTR Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
More results

Similar Description - UCC25706DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Texas Instruments
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com