Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HCT74 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT74
Description  Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT74 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HCT74 Datasheet HTML 2Page - Texas Instruments CD54HCT74 Datasheet HTML 3Page - Texas Instruments CD54HCT74 Datasheet HTML 4Page - Texas Instruments CD54HCT74 Datasheet HTML 5Page - Texas Instruments CD54HCT74 Datasheet HTML 6Page - Texas Instruments CD54HCT74 Datasheet HTML 7Page - Texas Instruments CD54HCT74 Datasheet HTML 8Page - Texas Instruments CD54HCT74 Datasheet HTML 9Page - Texas Instruments CD54HCT74 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CP Frequency
fMAX
CL = 15pF
5
-
50
-
----
MHz
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
25
-
----
pF
HCT TYPES
Propagation Delay,
CP to Q, Q (Figure 4)
tPLH, tPHL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
Propagation Delay,
R, S to Q, Q (Figure 4)
tPHL, tPLH CL = 50pF
4.5
-
-
40
-
50
-
60
ns
Transition Time (Figure 4)
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
CP Frequency
fMAX
CL = 15pF
5
-
50
-
----
MHz
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
30
-
----
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per flip-flop.
5. PD =CPD VCC
2 f
i + Σ (CL VCC
2 f
o) where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC74, CD74HC74, CD54HCT74, CD74HCT74


Similar Part No. - CD54HCT74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT74 TI1-CD54HCT74 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
CD54HCT74-MIL TI1-CD54HCT74-MIL Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
CD54HCT74F TI1-CD54HCT74F Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
CD54HCT74F3A TI1-CD54HCT74F3A Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
More results

Similar Description - CD54HCT74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
Unisonic Technologies
U74HC74 UTC-U74HC74 Datasheet
123Kb / 5P
   DUAL D FLIP-FLOP WITH SET AND RESET,POSITIVE-EDGEN TRIGGER
logo
Nexperia B.V. All right...
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com