Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHJLD3325 Datasheet(PDF) 3 Page - Dubilier

Part # SHJLD3325
Description  TANTALUM CHIP - LOW ESR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SHJLD3325 Datasheet(HTML) 3 Page - Dubilier

  SHJLD3325 Datasheet HTML 1Page - Dubilier SHJLD3325 Datasheet HTML 2Page - Dubilier SHJLD3325 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
114
SURFACE MOUNT
TANTALUM CHIP - LOW ESR SHJL
RATINGS & PART NUMBER REFERENCE CONT...
For 10% tolerance, insert ‘K’ in (*) above. For 20% tolerance, insert ‘M’ in (*) above.
Note: Voltage ratings are minimum values. We reserve the right to supply higher voltage ratings in the same case size, to the
same reliability standards.
Other case size and ESR values available by request
SHJLC3.335
35
3.3
C
0.06
1.2
550
0.45
SHJLD6.835
35
6.8
D
0.06
2.4
400
0.71
SHJLD1035
35
10
D
0.06
3.5
260
0.76
SHJLD1535
35
15
D
0.06
5.3
300
0.76
SHJLE6.835
35
6.8
E
0.06
2.4
300
0.74
SHJLE1035
35
10
E
0.06
3.5
260
0.80
SHJLE1535
35
15
E
0.06
5.3
225
0.80
SHJLE2235
35
22
E
0.06
7.7
275
0.80
SHJLE3335
35
33
E
0.06
12.0
260
0.80
SHJLD4.750
50
4.7
D
0.06
2.4
300
0.71
SHJLE6.850
50
6.8
E
0.06
3.4
300
0.74
SHJLE1050
50
10
E
0.06
5.0
300
0.74
www.dubilier.co.uk


Similar Part No. - SHJLD3325

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
SHJLC1025KXXXX DUBILIER-SHJLC1025KXXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
SHJLC1025MXXXX DUBILIER-SHJLC1025MXXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
More results

Similar Description - SHJLD3325

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
NIC-Components Corp.
NTCL NIC-NTCL Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com