Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BVN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC847BVN
Description  NPN/PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC847BVN Datasheet(HTML) 5 Page - NXP Semiconductors

  BC847BVN Datasheet HTML 1Page - NXP Semiconductors BC847BVN Datasheet HTML 2Page - NXP Semiconductors BC847BVN Datasheet HTML 3Page - NXP Semiconductors BC847BVN Datasheet HTML 4Page - NXP Semiconductors BC847BVN Datasheet HTML 5Page - NXP Semiconductors BC847BVN Datasheet HTML 6Page - NXP Semiconductors BC847BVN Datasheet HTML 7Page - NXP Semiconductors BC847BVN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2001 Nov 07
5
Philips Semiconductors
Product specification
NPN/PNP general purpose transistor
BC847BVN
handbook, halfpage
0
1000
200
400
600
800
MLD699
−10−2
−10−1
(1)
−1
IC (mA)
hFE
−10
−102
−103
(2)
(3)
Fig.6
DC current gain as a function of collector
current: typical values.
TR2 (PNP); VCE = −5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLD700
−10−2
−10−1
(1)
−1
IC (mA)
VBE
mV
−10
−102
−103
(3)
(2)
Fig.7
Base-emitter voltage as a function of
collector current; typical values.
TR2 (PNP); VCE = −5V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−104
−103
−102
−10
MLD701
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(1)
(2)
(3)
Fig.8
Collector-emitter saturation voltage as a
function of collector current: typical values.
TR2 (PNP); IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLD702
−1
−10−1
IC (mA)
VBEsat
(mV)
−10
−102
−103
(1)
(3)
(2)
Fig.9
Base-emitter saturation voltage as a
function of collector current.
TR2 (PNP); IC/IB = 20.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.


Similar Part No. - BC847BVN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BVN DIODES-BC847BVN Datasheet
228Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30627 Rev. 4 - 2
logo
NXP Semiconductors
BC847BVN NXP-BC847BVN Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BC847BVN PHILIPS-BC847BVN Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
logo
Nexperia B.V. All right...
BC847BVN NEXPERIA-BC847BVN Datasheet
200Kb / 9P
   45 V, 100 mA NPN/PNP general purpose transistor
27 December 2022
logo
NXP Semiconductors
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
More results

Similar Description - BC847BVN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817DPN PHILIPS-BC817DPN Datasheet
78Kb / 12P
   NPN/PNP general purpose transistor
2002 Nov 22
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BCV65 PHILIPS-BCV65_15 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BCV65 NXP-BCV65 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BC847BVN NXP-BC847BVN Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
logo
Nexperia B.V. All right...
BC817DPN NEXPERIA-BC817DPN Datasheet
222Kb / 9P
   NPN/PNP general purpose transistor
27 November 2019
logo
NXP Semiconductors
BC817DPN NXP-BC817DPN Datasheet
155Kb / 10P
   NPN/PNP general purpose transistor
2002 Nov 22
logo
Nexperia B.V. All right...
BCV65 NEXPERIA-BCV65 Datasheet
2Mb / 11P
   NPN/PNP general-purpose transistor
Rev. 4 - 27 July 2010
PEMZ1 NEXPERIA-PEMZ1 Datasheet
179Kb / 7P
   NPN/PNP general purpose transistor
29 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com