Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVJL2216-LF Datasheet(PDF) 1 Page - Dubilier

Part # DVJL2216-LF
Description  SMD - 105째C LOW IMPEDANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVJL2216-LF Datasheet(HTML) 1 Page - Dubilier

  DVJL2216-LF Datasheet HTML 1Page - Dubilier DVJL2216-LF Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
79
SURFACE MOUNT
SMD - 105˚C LOW IMPEDANCE DVJL
COEFFICIENT OF FREQUENCY FOR RATED RIPPLE CURRENT
SPECIFICATION
Cylindrical leadless type for surface mounting
Very low impedance and high ripple current at 100K Hz
Suitable for DC-DC converter, DC-AC inverter, etc.
New expanded CV range, up to 1500µF
Anti-solvent (2 minutes)
Designed for automatic mounting and reflow soldering
Item
Performance
Category Temperature Range (°C) –50 to +105
Tolerance of Rated Capacity (%)
± 20
Leakage Current (µA)
Less than 0.01CV or 3 whichever is larger (after 2min) C: rated capacitance (µF)
Tangent of Loss Angle (tan∂)
Rated Voltage (V)
6.3
10
16
25
35
50
tan∂ (max)
0.28
0.24
0.20
0.16
0.14
0.10
Characteristics at high and low
temperature
Rated Voltage (V)
6.3
10
16
25
35
50
Impedance
Ratio (max)
Z–25°C / Z+20°C
4
3
2
2
2
2
Z–55°C / Z+20°C
8
5
4
3
3
3
Endurance (105°C)
(Applied Ripple Current)
Test Time
2000 hours (8 x 6.5 or less: 1000 hours)
Leakage Current
The initial specified value or less
Percentage of Capacitance Change
Within ± 25% of initial value
Tangent of Loss Angle
200% or less of the initial specified value
Shelf Life (105°C)
Test Time: 1000 hours: other items are the same as those for endurance. JIS C5101-1
Applicable Standards
JIS C1501-1, –18 1998 (IEC600384-1 1992, -18 1993)
D Ø
L
A
B
I
W
P
4
5.8 +/- 0.3
4.3
4.3
2.0
0.5 to 0.8
1.0
5
5.8 +/- 0.3
5.3
5.3
2.3
0.5 to 0.8
1.5
6.3
5.8 +/- 0.3
6.6
6.6
2.7
0.5 to 0.8
2.0
6.3
7.7 +/- 0.3
6.6
6.6
2.7
0.5 to 0.8
2.0
8
10.5 +/- 0.5
8.4
8.4
3.0
0.7 to 1.1
3.1
10
10.5 +/- 0.5
10.4
10.4
3.3
0.7 to 1.1
4.7
Frequency (Hz)/Rated Voltage
50-60
120
1k
10k - 100k
6.3 to 50
0.64
0.5
0.75
1
ORDERING INFORMATION
DVJL
47
6.3
Range
Capacitance
µF
Voltage
OUTLINE DRAWING
L
W
B
A
I
I
P
+
-
L
W
B
A
I
I
P
+
-
Dimensions in mm
LF
Lead Free
www.dubilier.co.uk


Similar Part No. - DVJL2216-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVJL2216-LF DUBILIER-DVJL2216-LF Datasheet
262Kb / 2P
   SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
More results

Similar Description - DVJL2216-LF

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CDVZVZ JIANGHAI-CDVZVZ Datasheet
779Kb / 3P
   EC SMD 105째C 2.000-3.000h Lifetime Low Impedance ESR(SMD)
logo
Illinois Capacitor, Inc...
477JZM016M ILLINOISCAPACITOR-477JZM016M Datasheet
414Kb / 2P
   105째C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
logo
List of Unclassifed Man...
RJH-10V562MJ7 ETC2-RJH-10V562MJ7 Datasheet
73Kb / 4P
   105째C Use, High-Reliability, Low Impedance Capacitors
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
RJB-10V102MH4 ETC2-RJB-10V102MH4 Datasheet
68Kb / 3P
   105째C Use, Miniature, High-Reliability, Low Impedance Capacitors
logo
Illinois Capacitor, Inc...
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Dubilier
DVJRHV DUBILIER-DVJRHV Datasheet
144Kb / 1P
   HIGH VOLTAGE SMD ELECTROLYTIC - 105째C
DVJL476.3LF DUBILIER-DVJL476.3LF Datasheet
104Kb / 2P
   SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com