Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4275DGNR Datasheet(PDF) 1 Page - Texas Instruments

Part # THS4275DGNR
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4275DGNR Datasheet(HTML) 1 Page - Texas Instruments

  THS4275DGNR Datasheet HTML 1Page - Texas Instruments THS4275DGNR Datasheet HTML 2Page - Texas Instruments THS4275DGNR Datasheet HTML 3Page - Texas Instruments THS4275DGNR Datasheet HTML 4Page - Texas Instruments THS4275DGNR Datasheet HTML 5Page - Texas Instruments THS4275DGNR Datasheet HTML 6Page - Texas Instruments THS4275DGNR Datasheet HTML 7Page - Texas Instruments THS4275DGNR Datasheet HTML 8Page - Texas Instruments THS4275DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE
FEEDBACK AMPLIFIER
DGK-8
DGN-8
D-8
DRB-8
FEATURES
D Unity Gain Stability
D Low Voltage Noise
− 3 nV/
√Hz
D High Slew Rate: 1000 V/µs
D Low Distortion
− −92 dBc THD at 30 MHz
D Wide Bandwidth: 1.4 GHz
D Supply Voltages
− +5 V,
±5 V, +12 V, +15 V
D Power Down Functionality (THS4275)
D Evaluation Module Available
DESCRIPTION
The THS4271 and THS4275 are low-noise, high slew rate,
unity gain stable voltage feedback amplifiers designed to
run from supply voltages as low as 5 V and as high as 15 V.
The THS4275 offers the same performance as the
THS4271 with the addition of power down capability. The
combination of low-noise, high slew rate, wide bandwidth,
low distortion, and unity gain stability make the THS4271
and THS4275 high performance devices across multiple
ac specifications.
Designers using the THS4271 are rewarded with higher
dynamic range over a wider frequency band without the
stability concerns of decompensated amplifiers. The
devices are available in SOIC, MSOP with PowerPAD
,
and leadless MSOP with PowerPAD
 packages.
APPLICATIONS
D High Linearity ADC Preamplifier
D Wireless Communication Receivers
D Differential to Single-Ended Conversion
D DAC Output Buffer
D Active Filtering
1
2
3
4
8
7
6
5
NC
IN−
IN+
VS−
NC
VS+
VOUT
NC
THS4271
RELATED DEVICES
DEVICE
DESCRIPTION
THS4211
1-GHz voltage feedback amplifier
THS4503
Wideband fully differential amplifier
THS3202
Dual, wideband current feedback amplifier
_
+
249
+5 V
49.9
VI
−5 V
50
Ω Source
Low-Noise, Low-Distortion, Wideband Application Circuit
NOTE: Power supply decoupling capacitors not shown
VO
249
50
THS4271
This document contains information on products in more than one phase of
development. The status of each device is indicated on the page(s) specifying its
electrical characteristics.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 − 2004, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.
−100
−90
−80
−70
−60
−50
−40
1
10
100
Gain = 2
Rf = 249 Ω
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
HARMONIC AND INTERMODULATION
DISTORTION
vs
FREQUENCY
f − Frequency − MHz
IMD3
200 kHz Tone Spacing
VO = 2 VPP Envelope
HD3
HD2


Similar Part No. - THS4275DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4275DGN TI1-THS4275DGN Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4275DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com