Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVJR4716-LF Datasheet(PDF) 1 Page - Dubilier

Part # DVJR4716-LF
Description  ELECTROLYTIC 105째C REDUCED SIZE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVJR4716-LF Datasheet(HTML) 1 Page - Dubilier

  DVJR4716-LF Datasheet HTML 1Page - Dubilier DVJR4716-LF Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
76
SURFACE MOUNT
ELECTROLYTIC 105˚C REDUCED SIZE DVJR
SPECIFICATION
SMT electrolytic
Small can sizes
Long life grade (up to 2000 hours @ 105°C)
New expanded CV range
Designed for automatic mounting and reflow soldering
DVJR
47
35
Series
Capacitance
Voltage
Item
Performance
Category Temperature Range (°C) –50 to +105
Tolerance of Rated Capacity (%)
± 20
Leakage Current (µA)
Less than 0.01CV or 3 whichever is larger (after 2min) C: rated capacitance (µF)
Tangent of Loss Angle (tan∂)
Rated Voltage (V)
6.3
10
16
25
35
50
tan∂ (max)
0.30 0.24 0.22 0.16 0.13 0.12
Characteristics at high and low
temperature
Rated Voltage (V)
6.3
10
16
25
35
50
Impedance Ratio (max)
Z–25°C / Z+20°C
4
3
2
2
2
2
Z–40°C / Z+20°C
8
5
4
3
3
3
Endurance (105°C)
(Applied Ripple Current)
Test Time*
2000 hours
Leakage Current
The initial specified value or less
Percentage of Capacitance Change Within 20% of initial value
Tangent of Loss Angle
200% or less of the initial specified value
Shelf Life (85°C)
Test Time: 1000 hours: other items are the same as those for endurance. JIS C5101-1
Applicable Standards
JIS C5101-1, –18 1998 (IEC600384-1 1992, -18 1993)
* at the end of part number on page 00 denotes 1000 hours
OUTLINE DRAWING
A
L
W
I
P
I
B
A
L
W
I
P
I
B
D Ø
L
A
B
I
W
P
4
5.3 +/- 0.2
4.3
4.3
2.0
0.5 to 0.8
1.0
5
5.3 +/- 0.2
5.3
5.3
2.3
0.5 to 0.8
1.5
6.3
5.3 +/- 0.2
6.6
6.6
2.7
0.5 to 0.8
2.0
8
6.5 +/- 0.3
8.4
8.4
3.4
0.5 to 0.8
2.3
8
10 +/- 0.5
8.4
8.4
3.0
0.7 to 1.1
3.1
10
10 +/- 0.5
10.4
10.4
3.3
0.7 to 1.1
4.7
ORDERING INFORMATION
COEFFICIENT OF FREQUENCY FOR RATED RIPPLE CURRENT
Frequency (Hz)/
Rated Voltage
50-60
120
1k
10k - 100k
6.3 to 16
0.8
1
1.15
1.25
25 to 35
0.8
1
1.25
1.40
50 to 63
0.8
1
1.35
1.50
100
0.7
1
1.35
1.50
LF
Lead Free
www.dubilier.co.uk


Similar Part No. - DVJR4716-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVJR4716-LF DUBILIER-DVJR4716-LF Datasheet
276Kb / 2P
   SURFACE MOUNT ELECTROLYTIC 105C REDUCED SIZE DVJR
More results

Similar Description - DVJR4716-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVJR4735LF DUBILIER-DVJR4735LF Datasheet
130Kb / 2P
   SURFACE MOUNT ELECTROLYTIC 105C REDUCED SIZE DVJR
DVJR4735LF DUBILIER-DVJR4735LF_11 Datasheet
276Kb / 2P
   SURFACE MOUNT ELECTROLYTIC 105C REDUCED SIZE DVJR
CEKJ DUBILIER-CEKJ Datasheet
240Kb / 2P
   ELECTROLYTIC MINIATURE - 105째C
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
   105째C ALUMINUM ELECTROLYTIC
logo
Dubilier
DSHR DUBILIER-DSHR Datasheet
298Kb / 2P
   ULTRA LOW IMPEDANCE REDUCED SIZE
logo
WALSIN TECHNOLOGY CORPO...
WF06A WALSIN-WF06A Datasheet
247Kb / 7P
   Reduced size of final equipment
WF20M WALSIN-WF20M Datasheet
213Kb / 7P
   Reduced size of final equipment
logo
Dubilier
CEBR10016TA DUBILIER-CEBR10016TA Datasheet
130Kb / 2P
   ALUMINIUM ELECTROLYTIC REDUCED RADIAL CEBR
DVJRHV DUBILIER-DVJRHV Datasheet
144Kb / 1P
   HIGH VOLTAGE SMD ELECTROLYTIC - 105째C
logo
WALSIN TECHNOLOGY CORPO...
WK12M WALSIN-WK12M Datasheet
608Kb / 10P
   Reduced size of final equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com