Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4275DR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4275DR
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4275DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4275DR Datasheet HTML 3Page - Texas Instruments THS4275DR Datasheet HTML 4Page - Texas Instruments THS4275DR Datasheet HTML 5Page - Texas Instruments THS4275DR Datasheet HTML 6Page - Texas Instruments THS4275DR Datasheet HTML 7Page - Texas Instruments THS4275DR Datasheet HTML 8Page - Texas Instruments THS4275DR Datasheet HTML 9Page - Texas Instruments THS4275DR Datasheet HTML 10Page - Texas Instruments THS4275DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
Table of Graphs (
±5 V)
FIGURE
Small signal unity gain frequency response
1
Small signal frequency response
2
0.1-dB gain flatness frequency response
3
Large signal frequency response
4
Slew rate vs Output voltage
5
Harmonic distortion vs Frequency
6, 7, 8, 9
Harmonic distortion vs Output voltage swing
10, 11, 12, 13
Third order intermodulation distortion vs Frequency
14, 16
Third order intercept point vs Frequency
15, 17
Voltage and current noise vs Frequency
18
Differential gain vs Number of loads
19
Differential phase vs Number of loads
20
Settling time
21
Quiescent current vs Supply voltage
22
Output voltage vs Load resistance
23
Frequency response vs Capacitive load
24
Open-loop gain and phase vs Frequency
25
Open-loop gain vs Case temperature
26
Rejection ratios vs Frequency
27
Rejection ratios vs Case temperature
28
Common-mode rejection ratio vs Input common-mode range
29
Input offset voltage vs Case temperature
30
Input bias and offset current vs Case temperature
31
Small signal transient response
32
Large signal transient response
33
Overdrive recovery
34
Closed-loop output impedance vs Frequency
35
Power-down quiescent current vs Supply voltage
36
Power-down output impedance vs Frequency
37
Turnon and turnoff delay times
38


Similar Part No. - THS4275DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4275DRBT TI1-THS4275DRBT Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4275DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com