Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ7584-AL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # CQ7584-AL
Description  SMT Data Line EMI Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CQ7584-AL Datasheet(HTML) 2 Page - Coilcraft lnc.

  CQ7584-AL Datasheet HTML 1Page - Coilcraft lnc. CQ7584-AL Datasheet HTML 2Page - Coilcraft lnc. CQ7584-AL Datasheet HTML 3Page - Coilcraft lnc. CQ7584-AL Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 1194S-2
Document 1194S-2 Revised 03/01/16
40
35
30
25
20
15
10
5
0
Frequency (MHz)
1
2
3
4
5
6
7
8
10
0.1
1
100
10
Frequency (MHz)
0.1
1
100
10
Differential mode
Common mode
SMT Data Line EMI Filter – CQ7584-AL
Common mode
Cutoff
Part
impedance
frequency2
Inductance (mH)3
Irms4
DCR max5
Isolation6
number1
max (kOhms)
(MHz)
nom
min
(A)
(Ohms)
(Vrms)
CQ7584-AL
6.29 @ 6.02 MHz
121
2.20
1.54
0.65
0.40
500
1. When ordering, please specify
packaging code:
CQ7584-ALC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape Factory order only, not stocked (1000 parts per
full reel).
2. Frequency at which the differential mode attenuation equals 3 dB
3. Inductance shown for each winding, measured at 10 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4263B LCR meter or equivalent.
4. Current that causes a 40°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute maxi-
mum ratings.
5. DCR is specified per winding.
6. Isolation (hipot) measured for two seconds.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Typical Attenuation
Typical Impedance versus Frequency
Dimensions are in
inches
mm
4
3
2
1
Internal code
Dot indicates pin 1
12
43
0.370
9,4
max
0.189
4,8
max
0.004 / 0,10
0.10
2,54
0.289
7,35
0.112
2,85
0.047
1,2
Recommended
Land Pattern
1
0.10 ±0.004
2,54 ±0,10
0.220
5,6
max
0.020
0,50
XXXX
Y
7584-AL
0.295
7,5
max


Similar Description - CQ7584-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
CCDLF-10000L COILCRAFT-CCDLF-10000L Datasheet
203Kb / 2P
   SMT Data Line EMI Filters
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
TTDLF-2000L COILCRAFT-TTDLF-2000L Datasheet
229Kb / 2P
   SMT Data Line EMI Filters
PDLF4500LC COILCRAFT-PDLF4500LC Datasheet
126Kb / 2P
   SMT Data Line EMI Filters ??PDLF
PDLF4500LC COILCRAFT-PDLF4500LC Datasheet
126Kb / 2P
   SMT Data Line EMI Filters ??PDLF
PDLF COILCRAFT-PDLF_14 Datasheet
134Kb / 2P
   SMT Data Line EMI Filters ??PDLF
TTTRF2000LC COILCRAFT-TTTRF2000LC Datasheet
394Kb / 2P
   SMT Data Line EMI Filters ??TTDLF
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com