Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4271 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 5 Page - Texas Instruments

  THS4271 Datasheet HTML 1Page - Texas Instruments THS4271 Datasheet HTML 2Page - Texas Instruments THS4271 Datasheet HTML 3Page - Texas Instruments THS4271 Datasheet HTML 4Page - Texas Instruments THS4271 Datasheet HTML 5Page - Texas Instruments THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS VS = 5 V
RF = 249 Ω, RL = 499 Ω, G = +2, unless otherwise noted
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C to
85
°C
UNITS
MIN/
TYP/
MAX
AC PERFORMANCE
G = 1, VO = 100 mVPP, RL = 150 Ω
1.2
GHz
Typ
G = −1, VO = 100 mVPP
380
MHz
Typ
Small signal bandwidth
G = 2, VO = 100 mVPP
360
MHz
Typ
Small signal bandwidth
G = 5, VO = 100 mVPP
80
MHz
Typ
G = 10, VO = 100 mVPP
35
MHz
Typ
0.1-dB flat bandwidth
G = 1, VO = 100 mVPP, RL = 150 Ω
120
MHz
Typ
Gain bandwidth product
G > 10 , f = 1 MHz
350
MHz
Typ
Full-power bandwidth
G = −1, VO = 2 Vp
60
MHz
Typ
Slew rate
G = 1, VO = 2 V Step
700
V/
µs
Typ
Slew rate
G = −1, VO = 2 V Step
750
V/
µs
Typ
Settling time to 0.1%
G = −1, VO = 2 V Step
18
ns
Typ
Settling time to 0.01%
G = −1, VO = 2 V Step
66
ns
Typ
Harmonic distortion
G = 1, VO = 1 VPP, f = 30 MHz
Second harmonic distortion
RL = 150 Ω
−75
dBc
Typ
Second harmonic distortion
RL = 499 Ω
−72
dBc
Typ
Third harmonic distortion
RL = 150 Ω
−70
dBc
Typ
Third harmonic distortion
RL = 499 Ω
−70
dBc
Typ
Third order intermodulation (IMD3)
G = 2, VO = 1 VPP, RL = 150 Ω,
f = 70 MHz
−65
dBc
Typ
Third order output intercept (OIP3)
G = 2, VO = 1 VPP, RL = 150 Ω,
f = 70 MHz
32
dBm
Typ
Input voltage noise
f = 1 MHz
3
nV/
√Hz
Typ
Input current noise
f = 10 MHz
3
pA/
√Hz
Typ
DC PERFORMANCE
Open-loop voltage gain (AOL)
VO = ± 50 mV, RL = 499 Ω
68
63
60
60
dB
Min
Input offset voltage
VCM = VS/2
5
10
12
12
mV
Max
Average offset voltage drift
VCM = VS/2
±10
±10
µV/°C
Typ
Input bias current
VCM = VS/2
6
15
18
18
µA
Max
Average bias current drift
VCM = VS/2
±10
±10
nA/
°C
Typ
Input offset current
VCM = VS/2
1
6
8
8
µA
Max
Average offset current drift
VCM = VS/2
±10
±10
nA/
°C
Typ
INPUT CHARACTERISTICS
Common-mode input range
1/4
1.3/3.7
1.4/3.6
1.5/3.5
V
Min
Common-mode rejection ratio
VCM = ± 0.5 V, VO = 2.5 V
72
67
65
65
dB
Min
Input resistance
Common-mode
5
M
Typ
Input capacitance
Common-mode / differential
0.4/0.8
pF
Typ
OUTPUT CHARACTERISTICS
Output voltage swing
G = +2
1.2/3.8
1.4/3.6
1.5/3.5
1.5/3.5
V
Min
Output current (sourcing)
RL = 10 Ω
120
100
90
90
mA
Min
Output current (sinking)
RL = 10 Ω
65
50
40
40
mA
Min
Output impedance
f = 1 MHz
0.1
Typ


Similar Part No. - THS4271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI-THS4271 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4271 TI1-THS4271 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271D TI1-THS4271D Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com