Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD50P04-09L Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SUD50P04-09L
Description  P-Channel 40-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50P04-09L Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50P04-09L Datasheet HTML 1Page - Vishay Siliconix SUD50P04-09L Datasheet HTML 2Page - Vishay Siliconix SUD50P04-09L Datasheet HTML 3Page - Vishay Siliconix SUD50P04-09L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number: 72243
S-71660-Rev. B, 06-Aug-07
Vishay Siliconix
SUD50P04-09L
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 40
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 32 V, VGS = 0 V
- 1
µA
VDS = - 32 V, VGS = 0 V, TJ = 125 °C
- 50
VDS = - 32 V, VGS = 0 V, TJ = 175 °C
- 150
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 10 V
- 50
A
Drain-Source On-State Resistancea
rDS(on)
VGS = - 10 V, ID = - 24 A
0.0075
0.0094
Ω
VGS = - 10 V, ID = - 50 A, TJ = 125 °C
0.014
VGS = - 10 V, ID = - 50 A, TJ = 175 °C
0.017
VGS = - 4.5 V, ID = - 18 A
0.0115
0.0145
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 24 A
73
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V, VDS = - 25 V, f = 1 MHz
4800
pF
Output Capacitance
Coss
700
Reverse Transfer Capacitance
Crss
550
Total Gate Chargec
Qg
VDS = - 20 V, VGS = - 10 V, ID = - 50 A
102
150
nC
Gate-Source Chargec
Qgs
18.5
Gate-Drain Chargec
Qgd
27
Turn-On Delay Timec
td(on)
VDD = - 20 V, RL = 0.4 Ω
ID ≅ - 50 A, VGEN = - 10 V, RG = 6 Ω
10
15
ns
Rise Timec
tr
60
90
Turn-Off Delay Timec
td(off)
145
220
Fall Timec
tf
140
220
Source-Drain Diode Ratings and Characteristics (TC = 25 °C)
b
Continuous Current
IS
- 50
A
Pulsed Current
ISM
- 100
Forward Voltagea
VSD
IF = - 50 A, VGS = 0 V
- 1.0
- 1.5
V
Reverse Recovery Time
trr
IF = - 50 A, di/dt = 100 A/µs
55
85
ns


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SUD50P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUB65P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI9407AEYP-Channel 60-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD40N04-10AN-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-13LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUM110P04-05P-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SUB65P06-20P-Channel 60-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn