Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD50P04-09L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUD50P04-09L
Description  P-Channel 40-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50P04-09L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD50P04-09L Datasheet HTML 1Page - Vishay Siliconix SUD50P04-09L Datasheet HTML 2Page - Vishay Siliconix SUD50P04-09L Datasheet HTML 3Page - Vishay Siliconix SUD50P04-09L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay Siliconix
SUD50P04-09L
Document Number: 72243
S-71660-Rev. B, 06-Aug-07
www.vishay.com
1
New Product
P-Channel 40-V (D-S), 175 °C MOSFET
FEATURES
TrenchFET® Power MOSFETS
175 °C Junction Temperature
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
d
- 40
0.0094 at VGS = - 10 V
- 50
0.0145 at VGS = - 4.5 V
- 50
TO-252
S
GD
Top View
Drain Connected to Tab
Ordering Information: SUD50P04-09L
SUD50P04-09L (Lead (Pb)-free)
S
G
D
P-Channel MOSFET
Notes:
a. Duty cycle
≤ 1 %.
b. When Mounted on 1" square PCB (FR-4 material).
c. See SOA curve for voltage derating.
d. Package limited.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
- 50d
A
TC = 125 °C
- 50d
Pulsed Drain Current
IDM
- 100
Avalanche Current
IAS
- 50
Single Avalanche Energya
L = 0.1 mH
EAS
125
mJ
Power Dissipation
TC = 25 °C
PD
136c
W
TA = 25 °C
3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Junction-to-Ambientb
t
≤ 10 sec
RthJA
15
18
°C/W
Steady State
40
50
Junction-to-Case
RthJC
0.82
1.1
Available
RoHS*
COMPLIANT


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SUD50P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUB65P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI9407AEYP-Channel 60-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD40N04-10AN-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-13LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUM110P04-05P-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SUB65P06-20P-Channel 60-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn