Electronic Components Datasheet Search |
|
TMP34094CPCL Datasheet(PDF) 9 Page - Texas Instruments |
|
TMP34094CPCL Datasheet(HTML) 9 Page - Texas Instruments |
9 / 38 page 15 0 15 0 15 0 15 0 15 0 TMS34094 ISA BUS INTERFACE SPVS006A – FEBRUARY 1992 – REVISED JUNE 1992 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 9 BKPORT Bank Select Data Port This register is used to access the bank select address (BKADn) or bank select mask (BKMSKn) register indexed by BPNT3–BPNT0 in the BSCTL register. BPNT3–BPNT0 are autoincremented after every 16-bit access to BKPORT. This register is uninitialized after reset. BKAD0L–BKAD3L BKAD0H–BKAD3H Bank Addressx Low Bank Addressx High These registers are used to specify the four address compare values for the bank decode logic. Each set of 16-bit BKADxL and 16-bit BKADxH values is treated as a 32-bit BKADx value. Each 32-bit BKADx value is masked using the corresponding BKMSKx value, compared with the LAD bus address bits allowed by the corresponding BKMSKx value and conditioned based on LAD bus cycle type, to generate the corresponding BSELx output. BKCTL provides selective control over whether a BSELx output will or will not respond to DRAM refresh or VRAM special cycles (see BKCTL, page 10). Each 32-bit BKADx register is accessed via the BKPORT register as two 16-bit halves, BKADxL and BKADxH. The BPNT3–BPNT0 bits of the BKCTL register select which bank select register is accessed during a read or write of BKPORT. Host write accesses to BKAD0–BKAD3 may cause improper decode of ongoing TMS34020 local bus cycles. Do not write to any BKAD0–BKAD3 register when the TMS34020 is performing any operation which could be adversely affected by improper address decoding, including execution of code. BKMSK0L–BKMSK3L BKMSK0H–BKMSK3H Bank MASKx Low Bank MASKx High These registers are used to specify the four mask values for the bank decode logic. Each set of 16-bit BKMSKxL and 16-bit BKMSKxH values are treated as a 32-bit BKMSKx value. Each 32-bit BKMSKx value is used to mask the corresponding BKADx value and the LAD31–LAD0 values which are then compared to determine which BSELx output to activate for the given LAD bus cycle. BKCTL provides selective control over whether a BSELx output will or will not respond to DRAM refresh or VRAM special cycles (see BKCTL, page 10). A BKMSKx bit set to 1 allows comparison of the corresponding BKADx bit with the corresponding LAD bus address bit. A BKMSKx bit set to zero causes the 34094 to disregard the corresponding BKADx and LAD bus address bit in the comparison. |
Similar Part No. - TMP34094CPCL |
|
Similar Description - TMP34094CPCL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |