Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP814PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP814PWR
Description  Variable Speed Single-phase Full-wave Fan Motor Predriver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP814PWR Datasheet(HTML) 5 Page - Texas Instruments

  TMP814PWR Datasheet HTML 1Page - Texas Instruments TMP814PWR Datasheet HTML 2Page - Texas Instruments TMP814PWR Datasheet HTML 3Page - Texas Instruments TMP814PWR Datasheet HTML 4Page - Texas Instruments TMP814PWR Datasheet HTML 5Page - Texas Instruments TMP814PWR Datasheet HTML 6Page - Texas Instruments TMP814PWR Datasheet HTML 7Page - Texas Instruments TMP814PWR Datasheet HTML 8Page - Texas Instruments TMP814PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TMP814
www.ti.com
SLDS151A – MAY 2009 – REVISED JUNE 2015
6.5 Electrical Characteristics
VCC = 12 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V6VREG
Output voltage
6VREG
IHB = 5 mA
5.8
6
6.15
V
VVOVER
Output voltage
VOVER
12
12.8
13.6
V
VCRH
High-level output voltage
4.35
4.55
4.75
V
VCRL
Low-level output voltage
CPWM
1.45
1.65
1.85
V
fPWM
Oscillation frequency
CP = 100 pF
18
25
32
kHz
VCTH
High-level output voltage
3.4
3.6
3.8
V
VCTL
Low-level output voltage
1.4
1.6
1.8
V
ICT1
Charge current
CT
1.6
2
2.5
μA
ICT2
Discharge current
0.16
0.2
0.28
μA
RCT
Charge/discharge current ratio
8
10
12
VON
Output voltage
OUT_N
IO = 20 mA
4
10
V
IOP
Sink current
OUT_P
15
20
mA
Zero peak value
VHN
Hall input sensitivity
H+, H-
10
20
mV
(including offset and hysteresis)
VRD
Low-level output voltage
IRD = 5 mA or IFG = 5 mA
0.15
0.3
V
VFG
RD, FG
IRDL
Output leakage current
VRD = 16 V or VFG = 16 V
30
μA
IFGL
During drive
4
10
14
ICC
Supply current
mA
During lock protection
4
10
14
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP814


Similar Part No. - TMP814PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
More results

Similar Description - TMP814PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com