Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE600F-12LB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # POE600F-12LB
Description  60 W PoE Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

POE600F-12LB Datasheet(HTML) 2 Page - Coilcraft lnc.

  POE600F-12LB Datasheet HTML 1Page - Coilcraft lnc. POE600F-12LB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
60 W PoE Transformers — POE600F
Parts shown are preproduction products available for evaluation only.
Document 1215-2
Dimensions are in
inches
mm
Document 1215-2 Revised 07/09/15
0.450
11,43
1.181
30,00
0.969
24,6
max
0.004 / 0,10
max
Recommended
Land Pattern
0.810
20,57
0.118
3,00
0.118
3,00
0.050
1,27
0.028
0,70
max
12
1
1
0.930
23,62
0.130
3,3
Dot indicates pin 1
12


Similar Part No. - POE600F-12LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE60C-12L COILCRAFT-POE60C-12L Datasheet
200Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-12LB COILCRAFT-POE60C-12LB Datasheet
164Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-12LD COILCRAFT-POE60C-12LD Datasheet
164Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-18L COILCRAFT-POE60C-18L Datasheet
200Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-18LB COILCRAFT-POE60C-18LB Datasheet
164Kb / 2P
   Miniature Flyback Transformers for PoE
More results

Similar Description - POE600F-12LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE120PL-33L COILCRAFT-POE120PL-33L_15 Datasheet
434Kb / 2P
   120 W PoE Planar Transformers
logo
NIC-Components Corp.
NLTM NIC-NLTM Datasheet
123Kb / 3P
   POE Transformers
logo
Coilcraft lnc.
FA2671-AL COILCRAFT-FA2671-AL Datasheet
191Kb / 1P
   PoE Transformers
DA2420 COILCRAFT-DA2420_13 Datasheet
106Kb / 1P
   PoE Transformers
DA2420-AL COILCRAFT-DA2420-AL Datasheet
81Kb / 1P
   PoE Transformers
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
POE60F-18L COILCRAFT-POE60F-18L_13 Datasheet
156Kb / 2P
   Flyback Transformers for PoE
POE60F-18L COILCRAFT-POE60F-18L Datasheet
202Kb / 2P
   Flyback Transformers for PoE
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
Bourns Electronic Solut...
POE-FD BOURNS-POE-FD Datasheet
1Mb / 6P
   POE-FD Series - PoE DC/DC Transformers
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com