Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA7338-AE Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # RA7338-AE
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RA7338-AE Datasheet(HTML) 1 Page - Coilcraft lnc.

  RA7338-AE Datasheet HTML 1Page - Coilcraft lnc. RA7338-AE Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Power Inductor–RA7338-AE
Document 1300-1
Document 1300-1 Revised 02/02/16
Core material Ferrite
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver over copper
Shield tabs RoHS compliant bright tin over nickel over stainless steel
Weight 109 g
Ambient temperature –40°C to +125°C with
Irms current,
Maximum part temperature +165°C (ambient + temp rise).
Storage temperature Component: –40°C to +85°C.
Tray packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 9 parts per tray
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Part
Inductance (µH)1
DCR (mOhms)2
SRF
Isat (A)3
Irms (A)4
number
min
max
typ
max
(MHz)
10% drop 20% drop 30% drop
20°C rise
40°C rise
RA7338-AE
17.6
24.2
0.68
0.75
9.25
19
22
24
34.0
44.5
1. Inductance tested at 100 kHz, 0.1 Vrms on Agilent/HP 4192A.
2. DCR measured on a Keithley 580 micro-ohmmeter or equivalent.
3. DC current at 25°C that causes an inductance drop of 30% (typ) from its value without current. Click for temperature derating information.
4. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only and does not represent absolute maxi-
mum ratings. Click for temperature derating information.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• High current, high inductance power inductors
• Designed for high current power supply applications
• Flat wire windings provide extremely low DC and AC resistance.
• Suitableforhightemperatureenvironments,upto125°Cambient
• AEC-Q200 Grade 1 qualified (−40°C to +125°C)
• Shield has solderable tabs for additional mounting stability.
3. SRF measured on an Agilent/HP 8753ES network analyzer.
5. DC current at 25°C that causes an inductance
drop of 30% (typ) from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature
rise from 25°C ambient. This information is for
reference only and does not represent absolute
maximum ratings. Click for temperature derating
information.
For Microchip 1600W Bus
Balancer Reference Design


Similar Part No. - RA7338-AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA737 ETC2-RA737 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
More results

Similar Description - RA7338-AE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com