Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD43-272ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SD43-272ML
Description  SMT Power Inductors ??SD43 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SD43-272ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  SD43-272ML Datasheet HTML 1Page - Coilcraft lnc. SD43-272ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Power Inductors –SD43 Series
Document 356-2 Revised 12/12/14
Document 356-2
Typical L vs Frequency
Typical L vs Current
0.1
1
10
100
1000
0.01
0.1
10
1
Current (A)
8.2 µH
1.0 µH
3.3 µH
27 µH
68 µH
0.1
1
10
100
1000
0.01
0.1
10
1
Frequency (MHz)
8.2 µH
1.0 µH
3.3 µH
27 µH
68 µH
0.185
4,70
0.136
3,45
0.165
4,20
0.063
1,60
0.051
1,30
0.061
1,55
0.102
2,60
0.085
2,15
0.129
3,28
max
max
max
Recommended
Land Pattern
XXX
Dimensions are in
inches
mm
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating


Similar Part No. - SD43-272ML

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD4-S COOPER-SD4-S Datasheet
421Kb / 8P
   NH bases
SD4-S1600 COOPER-SD4-S1600 Datasheet
421Kb / 8P
   NH bases
logo
Calogic, LLC
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
   High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
Sirectifier Semiconduct...
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD400-01NFB SIRECTIFIER-SD400-01NFB Datasheet
342Kb / 2P
   Discrete Diodes
More results

Similar Description - SD43-272ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO5010H COILCRAFT-DO5010H_15 Datasheet
517Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
240Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com