Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2800 Datasheet(PDF) 15 Page - Samsung semiconductor

Part # S3C2800
Description  32-BIT RISC MICROPROCESSOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2800 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button S3C2800 Datasheet HTML 11Page - Samsung semiconductor S3C2800 Datasheet HTML 12Page - Samsung semiconductor S3C2800 Datasheet HTML 13Page - Samsung semiconductor S3C2800 Datasheet HTML 14Page - Samsung semiconductor S3C2800 Datasheet HTML 15Page - Samsung semiconductor S3C2800 Datasheet HTML 16Page - Samsung semiconductor S3C2800 Datasheet HTML 17Page - Samsung semiconductor S3C2800 Datasheet HTML 18Page - Samsung semiconductor S3C2800 Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PRELIMINARY DATA SHEET
S3C2800 MICROCONTROLLER
13
SIGNAL DESCRIPTIONS
Table 3. S3C2800 Signal Descriptions
Signal
I/O
Description
BUS CONTROLLER
OM[1:0]
I
OM [1:0] is used to determines the bus width of static memory bank0 (boot ROM).
The pull-up/down resistor determines the logic level.
00 = 8-bit
01 = 16-bit
10 = 32-bit
11 = Not used
ADDR[24:0]
O
ADDR [24:0] (Address Bus) outputs the memory address of the corresponding bank.
DATA[31:0]
IO
DATA [31:0] (Data Bus) inputs data during memory read and outputs data during
memory write. The bus width is programmable among 8/16/32-bit.
nSCS[3:0]
O
nSCS[3:0] (Static memory bank Select) are activated when the address of a static
memory is within the address region of each bank. The number of access cycles and
the bank size can be programmed.
nWE
O
nWE (Write Enable) indicates that the current bus cycle is a write cycle.
nWBE[3:0]
O
Write Byte Enable.
nBE[3:0]
O
16-bit SRAM Byte Enable.
nWAIT
I
Request to prolong a current bus cycle. As long as nWAIT is Low, the current bus
cycle can’t be completed.
nOE
O
nOE (Output Enable) indicates that the current bus cycle is a read cycle.
ENDIAN
I
It determines whether or not the data type is Little-endian or Big-endian. The pull-
up/down resistor determines the logic level during the reset cycle.
ENDIAN value is latched only at the rising edge of nRESET: when nRESET is Low,
the ENDIAN (GPC3) pin operates in input mode; nRESET becomes High, the
ENDIAN pin will automatically switch to output mode.
0 = Little-endian
1 = Big-endian
DRAM/SDRAM
nDRAS[3:0]
O
Row Address Strobe.
nDCAS[3:0]
O
Column Address Strobe.
nSDRAS
O
SDRAM Row Address Strobe.
nSDCAS
O
SDRAM Column Address Strobe.
nSDCS[3:0]
O
SDRAM Chip Select.
DQM[3:0]
O
SDRAM Data Mask.
SDCLK
O
SDRAM Clock (SDCLK = HCLK).
SDCKE
O
SDRAM Clock Enable.
INTERRUPT CONTROL UNIT
EXTINT[7:0]
I
External Interrupt request.
DMA
nXDREQ[1:0]
I
External DMA request.
nXDACK[1:0]
O
External DMA acknowledge.


Similar Part No. - S3C2800

ManufacturerPart #DatasheetDescription
logo
Weidmuller
S3C2.5 WEIDMULLER-S3C2.5 Datasheet
386Kb / 21P
   FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5BL WEIDMULLER-S3C2.5BL Datasheet
386Kb / 21P
   FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5PE WEIDMULLER-S3C2.5PE Datasheet
390Kb / 20P
   PE TERMINAL, SNAP IN, 2.5 MM, 80
03.02.2023
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C2440X SAMSUNG-S3C2440X Datasheet
6Mb / 429P
   16/32-bit RISC microprocessor
More results

Similar Description - S3C2800

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com