Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL1510-333MED Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XAL1510-333MED
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL1510-333MED Datasheet(HTML) 1 Page - Coilcraft lnc.

  XAL1510-333MED Datasheet HTML 1Page - Coilcraft lnc. XAL1510-333MED Datasheet HTML 2Page - Coilcraft lnc. XAL1510-333MED Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors XAL1510
Document 947-1
Document 947-1 Revised 07/13/16
Inductance2
DCR (mOhms)3
SRF typ4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
(A)
20°C rise 40°C rise
XAL1510-472ME_
4.7
3.35
3.80
12.7
39.0
21
29
XAL1510-682ME_
6.8
4.17
4.60
11.5
36.0
19
26
XAL1510-822ME_
8.2
6.00
7.50
10.8
30.0
18
24
XAL1510-103ME_
10
6.80
9.00
10.1
26.3
16
22
XAL1510-153ME_
15
9.17
12.4
8.0
23.0
13
18
XAL1510-223ME_
22
14.5
16.0
6.3
18.7
10.5
14
XAL1510-333ME_
33
18.7
20.0
5.8
16.7
8.6
12
Core material Composite
Core and winding loss Go to online calculator
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Weight 12.4 – 15.0 g
Ambient temperature –40°C to +125°C with (40°C rise)
Irms current.
Maximum part temperature +165°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 150/13
″ reel Plastic tape: 32 mm wide, 0.3 mm thick,
24 mm pocket spacing, 10.26 mm pocket depth (
all except -333)
11.26 mm pocket depth (
-333 only).
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• High current; very low DCR
• AEC-Q200 Grade 1 qualified (–40°C to +125°C ambient)
• Soft saturation makes them ideal for VRM/VRD applications.
Irms Testing
Irms testing was performed on 0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly dependent on many factors including
pcb land pattern, trace size, and proximity to other components.
Therefore temperature rise should be verified in application
conditions.
1. When ordering, please specify
packaging code:
XAL1510-103MED
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (150 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at 25°C that causes an inductance drop of 30% (typ) from
its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - XAL1510-333MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1513-153MEB COILCRAFT-XAL1513-153MEB Datasheet
205Kb / 2P
   Shielded Power Inductor
XAL1513-153MED COILCRAFT-XAL1513-153MED Datasheet
205Kb / 2P
   Shielded Power Inductor
XAL1513 COILCRAFT-XAL1513_16 Datasheet
205Kb / 2P
   Shielded Power Inductor
More results

Similar Description - XAL1510-333MED

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com