Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3008T2K Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM3008T2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008T2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM3008T2K Datasheet HTML 1Page - Texas Instruments PCM3008T2K Datasheet HTML 2Page - Texas Instruments PCM3008T2K Datasheet HTML 3Page - Texas Instruments PCM3008T2K Datasheet HTML 4Page - Texas Instruments PCM3008T2K Datasheet HTML 5Page - Texas Instruments PCM3008T2K Datasheet HTML 6Page - Texas Instruments PCM3008T2K Datasheet HTML 7Page - Texas Instruments PCM3008T2K Datasheet HTML 8Page - Texas Instruments PCM3008T2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
5
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = 2.4 V, fs = 44.1 kHz,
system clock = 384fs, fIN = 1 kHz, 16-bit data, (unless otherwise noted)
PCM3008T
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
VIH(3)
0.7 VCC
3.6
VIL(3)
Input logic level
0.3VCC
VDC
IIN(3)
Input logic current
±10
µA
VOH(4)
IO = –400 µA
VCC–0.2
VOL(4)
Output logic level
IO = 400 µA
0.2
VDC
CLOCK FREQUENCY
Sampling frequency
8
44.1
48
kHz
256 fs
2.0480
11.2896
12.2880
fs
System clock frequency
384 fs
3.0720
16.9344
18.4320
MHz
System clock frequency
512 fs
4.0960
22.5792
24.5760
MHz
ADC CHARACTERISTICS
Resolution
16
Bits
DC ACCURACY
Gain mismatch channel to channel
±1
±5
Gain error
±2
±10
% of
Bipolar zero error
±0
FSR
DYNAMIC PERFORMANCE(5)
VIN = –0.5 dB
–84
–74
THD+N
VIN = –60 dB
–26
Dynamic range
A-weighted
82
88
dB
S/N ratio
A-weighted
82
88
dB
Channel separation
80
86
ANALOG INPUT
Input voltage
0.6 VCC
Vp–p
Center voltage
0.5 VCC
V
Input impedance
30
k
–3 dB
150
kHz
Antialiasing filter frequency response
fIN = 20 kHz
–0.08
dB
DIGITAL FILTER PERFORMANCE
Passband
0.454 fs
Stopband
0.583 fs
Hz
Passband ripple
±0.05
Stopband attenuation
–65
dB
Delay time
17.4 fs
s
HPF frequency response
–3 dB
0.078 fs
mHz
DAC CHARACTERISTICS
Resolution
16
Bits
NOTES:
3. Pins 6, 7, 9, 10–14: DEM0, DEMI, DIN, LRCK, SYSCK, BCK, PDAD, PDDA, (Schmitt trigger input, 3.3 V tolerant.
4. Pin 8: DOUT
5. fIN = 1 kHz, using audio precision system II, RMS mode with 20 kHz LPF, 400 Hz HPF in calculation.


Similar Part No. - PCM3008T2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3008T TI1-PCM3008T Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T/2K TI1-PCM3008T/2K Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T/2KG4 TI1-PCM3008T/2KG4 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008TG4 TI1-PCM3008TG4 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results

Similar Description - PCM3008T2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com