Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC33991R2 Datasheet(PDF) 8 Page - Motorola, Inc

Part # PC33991R2
Description  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991R2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button PC33991R2 Datasheet HTML 4Page - Motorola, Inc PC33991R2 Datasheet HTML 5Page - Motorola, Inc PC33991R2 Datasheet HTML 6Page - Motorola, Inc PC33991R2 Datasheet HTML 7Page - Motorola, Inc PC33991R2 Datasheet HTML 8Page - Motorola, Inc PC33991R2 Datasheet HTML 9Page - Motorola, Inc PC33991R2 Datasheet HTML 10Page - Motorola, Inc PC33991R2 Datasheet HTML 11Page - Motorola, Inc PC33991R2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
8
Characteristic
Symbol
Min
Typ
Max
Unit
Power Output and Clock Timings
SIN, COS Output Turn ON delay Time (time from rising CS enabling
outputs to steady state coil voltages and currents) (Note7)
TDHY(ON)
1
ms
SIN, COS Output Turn OFF delay Time (time from rising CS disables
outputs to steady state coil voltages and currents) (Note7)
TDHY(OFF)
1
ms
Uncalibrated Oscillator Cycle Time
TCLU
0.65
1.0
1.7
µs
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 0)
TCLO
1.0
1.1
1.2
µs
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 1)
TCLO
0.9
1.0
1.1
µs
Maximum Pointer Speed (Note8)
VMAX
400
deg/s
Maximum Pointer Acceleration (Note8)
AMAX
4500
deg/s2
Notes:
7.
Maximum specified time for the 33991 is the minimum guaranteed time needed from the micro.
8.
The minimum and maximum value will vary proportionally to the internal clock tolerance. These are not 100 percent tested.
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33991R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PC33996EK/R2 MOTOROLA-PC33996EK/R2 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
PC33999EK MOTOROLA-PC33999EK Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
PC33999EK/R2 MOTOROLA-PC33999EK/R2 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
More results

Similar Description - PC33991R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com