Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2235J Datasheet(PDF) 9 Page - International Rectifier

Part # IR2235J
Description  3-PHASE BRIDGE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2235J Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2235J Datasheet HTML 4Page - International Rectifier IR2235J Datasheet HTML 5Page - International Rectifier IR2235J Datasheet HTML 6Page - International Rectifier IR2235J Datasheet HTML 7Page - International Rectifier IR2235J Datasheet HTML 8Page - International Rectifier IR2235J Datasheet HTML 9Page - International Rectifier IR2235J Datasheet HTML 10Page - International Rectifier IR2235J Datasheet HTML 11Page - International Rectifier IR2235J Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IR2133/IR2135/IR2233/IR2235(J&S) & (PbF)
www.irf.com
9
Figure 9. IR2133J Junction Temperature vs
Frequency Driving (IRGPC40KD2) Rgate = 5.1
Ω @
Vcc = 15V
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
150
1E+2
1E+3
1E+4
1E+5
480V
320V
160V
0V
Figure 10. IR2133J Junction Temperature vs
Frequency Driving (IRGPC50KD2) Rgate = 5.1
Ω @
Vcc = 15V
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
480V
320V
160V
0V
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
900V
500
300V
0V
Figure 11. IR2233J Junction Temperature vs
Frequency Driving (IRG4PH30KD) Rgate = 20
Ω @
Vcc = 15V
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
900V
300
500V
0V
Frequency (Hz)
Figure 12. IR2233J Junction Temperature vs
Frequency Driving (IRG4PH40KD) Rgate = 15
Ω @
Vcc = 15V
1
1
1


Similar Part No. - IR2235J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2235J INFINEON-IR2235J Datasheet
436Kb / 27P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
logo
International Rectifier
IR2235JSPBF IRF-IR2235JSPBF Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2235J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com