Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3886AV Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3886AV
Description  BTL 9-Bit Latching Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3886AV Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS3886AV Datasheet HTML 1Page - National Semiconductor (TI) DS3886AV Datasheet HTML 2Page - National Semiconductor (TI) DS3886AV Datasheet HTML 3Page - National Semiconductor (TI) DS3886AV Datasheet HTML 4Page - National Semiconductor (TI) DS3886AV Datasheet HTML 5Page - National Semiconductor (TI) DS3886AV Datasheet HTML 6Page - National Semiconductor (TI) DS3886AV Datasheet HTML 7Page - National Semiconductor (TI) DS3886AV Datasheet HTML 8Page - National Semiconductor (TI) DS3886AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC Electrical Characteristics (Note 5) (Continued)
T
A = 0˚C to +70˚C, VCC = 5V ±10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER
t
PLZ
CD to An
Disable Time
LE = 3.0V
3
5
10
ns
t
PZL
Enable Time
Bn = 2.1V, T/R = 0V
(
Figure 8 and Figure 9)
2.5
6
8
ns
t
PHZ
Disable Time
LE = 3.0V
4
6
8.5
ns
t
PZH
Enable Time
Bn = 1.1V, T/R = 0V
(
Figure 8 and Figure 9)
2.5
5
8.5
ns
t
PLZ
T/R to An
Disable Time
LE = 3.0V, Bn = 2.1V
3
7.5
12
ns
t
PZL
Enable Time
CD = 0V
(
Figure 10 and Figure 11)
5
9.5
15
ns
t
PHZ
Disable Time
LE = 3.0V
3
6
9
ns
t
PZH
Enable Time
Bn = 1.1V, CD = 0V
(
Figure 8 and Figure 9)
36
9
ns
t
skew
LE to An
Same Package
(Note 7)
0.5
3
ns
Bn to An
Same Package
(Note 7)
0.5
2.5
ns
RECEIVER TIMING REQUIREMENTS (
Figure 7)
t
S
Bn to LE
Set-up Time
CD = T/R = 0V
3ns
t
H
LE to Bn
Hold Time
CD = T/R = 0V
1ns
t
pw
LE Pulse Width
CD = T/R = 0V
5ns
PARAMETERS NOT TESTED
C
output
Capacitance at Bn
(Note 8)
5
pF
t
NR
Noise Rejection
(Note 9)
1
ns
Note 6: Input waveforms shall have a rise and fall time of 3 ns.
Note 7: tskew is an absolute value defined as differences seen in propagation delay between drivers in the same package with identical load conditions.
Note 8: The parameter is tested using TDR techniques described in P1194.0 BTL Backplane Design Guide.
Note 9: This parameter is tested during device characterization. The measurements revealed that the part will typically reject 1 ns pulse width.
Note 10: Futurebus+ transceivers are required to limit bus signal rise and fall times to no faster than 0.5 V/ns, measured between 1.3V and 1.8V (approximately 20%
to 80% of nominal voltage swing). The rise and fall times are measured with a transceiver loading equivalent to 12.5
Ω tied to +2.1 V DC.
Pin Description
Pin Name
Number of
Input/
Description
Pins
Output
A0–A8
9
I/O
TTL TRI-STATE receiver output and driver input
ACLK
1
I
Clock input for latch
B0–B8
9
I/O
BTL receiver input and driver output
B0GND–B8GND
9
NA
Driver output ground reduces ground bounce due to high current switching of
driver outputs. (Note 11)
CD
1
I
Chip Disable
GND
2
NA
Ground reference for switching circuits.(Note 10)
LE
1
I
Latch Enable
LI
1
NA
Power supply for live insertion. Boards that require live insertion should connect
LI to the live insertion pin on the connector. (Note 12)
NC
5
NA
No Connect
QGND
1
NA
Ground reference for receiver input bandgap reference and non-switching
circuits. (Note 11)
QV
CC
1NA
V
CC supply for bandgap reference and non-switching circuits. (Note 12)
RBYP
1
I
Register bypass enable
T/R
1
I
Transmit/Receive
Transmit (An to Bn)
Receive (Bn to An)
V
CC
2NA
V
CC supply for switching circuits. (Note 12)
Note 11: The multiplicity of grounds reduces the effective inductance of bonding wires and leads, which then reduces the noise caused by transients on the ground
path. The various ground pins can be tied together provided that the external ground has low iductance (i.e., ground plane with power pins and many signal pins con-
www.national.com
5


Similar Part No. - DS3886AV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3881 MAXIM-DS3881 Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3881E MAXIM-DS3881E Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3881ER MAXIM-DS3881ER Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3881ET MAXIM-DS3881ET Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3882 MAXIM-DS3882 Datasheet
515Kb / 30P
   Dual-Channel Automotive CCFL Controller
Rev 0; 3/06
More results

Similar Description - DS3886AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74BCT979 TI1-SN74BCT979 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
NXP Semiconductors
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com