Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2829-1 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC2829-1
Description  High Speed PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2829-1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2829-1 Datasheet HTML 3Page - Texas Instruments UCC2829-1 Datasheet HTML 4Page - Texas Instruments UCC2829-1 Datasheet HTML 5Page - Texas Instruments UCC2829-1 Datasheet HTML 6Page - Texas Instruments UCC2829-1 Datasheet HTML 7Page - Texas Instruments UCC2829-1 Datasheet HTML 8Page - Texas Instruments UCC2829-1 Datasheet HTML 9Page - Texas Instruments UCC2829-1 Datasheet HTML 10Page - Texas Instruments UCC2829-1 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
UCC1829-1/-2/-3
UCC2829-1/-2/-3
UCC3829-1/-2/-3
mately 3 VBE voltages) to determine if the reference is
alive. The undervoltage circuit either uses a user pro-
grammed level with a 16% hysteresis or an on threshold
equal to the VDD clamp voltage and an off threshold of
9V.
Once a fault occurs, a soft start cycle takes place. A fault
sets the fault latch. The Q output of the fault latch sets
the RS delay latch and turns on the 20
µA soft start dis-
charge current sink. The Q output of the fault latch is
gated, however, by the output of the SS complete com-
parator. This insures that a SS cycle cannot start before
the previous one has finished. The soft start capacitor
then is discharged to 1V which is sensed by the RS delay
comparator. The fault latch is then reset. This in turn re-
sets the RS delay latch and turns off the 20
µA current
sink and turns on a 20
µA current source to charge the SS
capacitor.
The under voltage detection is set to a default value of
14V turn on (VDD clamp active value) and 9V turn off
when the UVLO pin is tied to GND. This default configu-
ration can be overridden by connecting a resistor divider
between VDD and GND to the UVLO pin. The hysteresis
for the user set threshold is 16%.
During undervoltage lockout, the self biasing outputs are
held "OFF" to prevent accidental turn-on of the power
switches.
Supply Section
The incoming voltage supply VDD is clamped by a shunt
VDD Clamp circuit at 14V.
VIN
VOUT
UCC3829-1
ISOLATED
FEEDBACK
DC SOURCE
OR RECTIFIED AC
BIAS
SUPPLY
TYPICAL APPLICATIONS
Figure 4. Push-Pull Converter Using UCC3829-1
UDG-98013


Similar Part No. - UCC2829-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI1-UCC28220 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
More results

Similar Description - UCC2829-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com