Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3007 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # UF3007
Description  ULTRA FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF3007 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  UF3007 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF3007 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 50 - 1000V
ULTRA FAST RECTIFIER DIODES
UF3001 - UF3007
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Diffused Junction
Ultra-Fast Switching for High Efficiency
High Current Capability and Low Forward
Voltage Drop
Low Reverse Leakage Current
Plastic Material: UL Flammability
Classification Rating 94V-0
UF
3001
UF
3002
UF
3003
UF
3004
UF
3005
UF
3006
UF
3007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55
°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@ IF = 3.0A
VFM
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
Cj
75
50
pF
Typical Thermal Resistance Junction to Ambient
RqJA
35
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
CURRENT: 3.0 A
!
!
!
!
!
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Case: DO-201AD, Molded Plastic
Mechanical Data
Characteristic
Symbol
1.0
1.3
1.7
V
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
1 of 2
www.sunmate.tw


Similar Part No. - UF3007

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF3007 DIODES-UF3007 Datasheet
62Kb / 2P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
logo
Nanjing International G...
UF3007 DGNJDZ-UF3007 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Fuji Electric
UF3007 FUJI-UF3007 Datasheet
701Kb / 1P
   3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF3007 DGNJDZ-UF3007 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Diodes Incorporated
UF3007 DIODES-UF3007 Datasheet
409Kb / 3P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
More results

Similar Description - UF3007

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
11DF1 EIC-11DF1 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
RGL41A SUNMATE-RGL41A Datasheet
426Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYG20D DSK-BYG20D Datasheet
83Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
11DF3 EIC-11DF3 Datasheet
93Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
UF5001 SUNMATE-UF5001 Datasheet
292Kb / 2P
   ULTRA FAST RECTIFIER DIODES
MUR805 SUNMATE-MUR805 Datasheet
332Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com